Electronic Components Datasheet Search
  English  ▼

X  

SN888CD Datasheet(PDF) 14 Page - Texas Instruments

Part # SN888CD
Description  Bus-Polarity Correcting RS-485 Transceiver for E-Meters
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN888CD Datasheet(HTML) 14 Page - Texas Instruments

Back Button SN888CD Datasheet HTML 10Page - Texas Instruments SN888CD Datasheet HTML 11Page - Texas Instruments SN888CD Datasheet HTML 12Page - Texas Instruments SN888CD Datasheet HTML 13Page - Texas Instruments SN888CD Datasheet HTML 14Page - Texas Instruments SN888CD Datasheet HTML 15Page - Texas Instruments SN888CD Datasheet HTML 16Page - Texas Instruments SN888CD Datasheet HTML 17Page - Texas Instruments SN888CD Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 26 page
background image
22
20
18
16
14
12
10
8
6
4
2
0
Time - s
0
5
10
15
20
25
30
35
40
0.5kV Surge
10kV ESD
4kV EFT
2.2
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
Time - s
0
5
10
15
20
25
30
35
40
0.5kV Surge
6kV Surge
3.0
2.8
2.6
2.4
SN888C
SLLSEI4 – SEPTEMBER 2013
www.ti.com
The on-chip implementation of IEC ESD protection significantly increases the robustness of equipment. Common
discharge events occur because of human contact with connectors and cables. Designers may choose to
implement protection against longer duration transients, typically referred to as surge transients. Figure 10
suggests two circuit designs providing protection against short and long-duration surge transients, in addition to
ESD and Electrical Fast Transients (EFT) transients. Table 2 lists the bill of materials for the external protection
devices.
EFTs are generally caused by relay-contact bounce, or the interruption of inductive loads. Surge transients often
result from lightning strikes (direct strike or an indirect strike which induces voltages and currents), or the
switching of power systems, including load changes and short circuits switching. These transients are often
encountered in industrial environments, such as in factory automation and power-grid systems.
Figure 17 compares the pulse-power of the EFT and surge transients with the power caused by an IEC ESD
transient. In the diagram on the left of Figure 17, the tiny blue blip in the bottom left corner represents the power
of a 10-kV ESD transient, which is low compared to the significantly higher EFT power spike, and certainly lower
than the 500-V surge transient. This type of transient power is well representative of factory environments in
industrial and process automation. The diagram on the right of Figure 17 compares the enormous power of a 6-
kV surge transient, most likely occurring in e-metering applications of power generating and power grid systems,
with the aforementioned 500-V surge transient.
NOTE
The unit of the pulse-power changes from kW to MW, thus making the power of the 500-V
surge transient almost disappear from the scale.
Figure 17. Power Comparison of ESD, EFT, and Surge Transients
In the case of surge transients, hgih-energy content is signified by long pulse duration and slow-decaying pulse
power
The electrical energy of a transient that is dumped into the internal protection cells of the transceiver is converted
into thermal energy. This thermal energy heats the protection cells and literally destroys them, thus destroying
the transceiver. Figure 18 shows the large differences in transient energies for single ESD, EFT, and surge
transients as well as for an EFT pulse train, commonly applied during compliance testing.
14
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: SN888C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com