Electronic Components Datasheet Search
  English  ▼

X  

SN888CD Datasheet(PDF) 1 Page - Texas Instruments

Part # SN888CD
Description  Bus-Polarity Correcting RS-485 Transceiver for E-Meters
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN888CD Datasheet(HTML) 1 Page - Texas Instruments

  SN888CD Datasheet HTML 1Page - Texas Instruments SN888CD Datasheet HTML 2Page - Texas Instruments SN888CD Datasheet HTML 3Page - Texas Instruments SN888CD Datasheet HTML 4Page - Texas Instruments SN888CD Datasheet HTML 5Page - Texas Instruments SN888CD Datasheet HTML 6Page - Texas Instruments SN888CD Datasheet HTML 7Page - Texas Instruments SN888CD Datasheet HTML 8Page - Texas Instruments SN888CD Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
120

A
B
D
DE
R
RE
D
R
Vcc
1k

A
B
D
DE
R
RE
D
R
A
B
D
DE
R
POLCOR
D
R
RE
A
B
D
DE
R
POLCOR
D
R
RE
Master
SN65HVD82
Slave
SN888C
Slave
SN888C
Slave
SN888C
Cross-wire
fault 
1k

SN888C
www.ti.com
SLLSEI4 – SEPTEMBER 2013
Bus-Polarity Correcting RS-485 Transceiver for E-Meters
Check for Samples: SN888C
1
FEATURES
APPLICATIONS
•
Exceeds Requirements of EIA-485 Standard
•
E-meters
•
Bus-Polarity Correction within 76 ms
DESCRIPTION
•
Data Rate: 300 bps to 250 kbps
The SN888C is a low-power RS-485 transceiver with
•
Works with Two Configurations:
bus-polarity correction and transient protection. Upon
–
Failsafe Resistors Only
hot plug-in the device detects and corrects the bus
polarity within the first 76 ms of bus idling. On-chip
–
Failsafe and Termination Resistors
transient
protection
protects
the
device
against
•
Up to 256 Nodes on a Bus
IEC61000 ESD and EFT transients.
•
SOIC-8 Package for Backward Compatibility
The SN888C is available in an SOIC-8 package. The
•
Bus-Pin Protection:
device is characterized from –40°C to 85°C.
–
±16 kV HBM protection
–
±12 kV IEC61000-4-2 Contact Discharge
–
+4 kV IEC61000-4-4 Fast Transient Burst
Figure 1. Typical Network Application With Polarity Correction (POLCOR)
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - SN888CD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN888CD TI1-SN888CD Datasheet
434Kb / 22P
Bus-Polarity Correcting RS-485 Transceiver for E-Meters
SN888CDR TI1-SN888CDR Datasheet
434Kb / 22P
Bus-Polarity Correcting RS-485 Transceiver for E-Meters
More results

Similar Description - SN888CD

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS96176 NSC-DS96176 Datasheet
344Kb / 12P
RS-485/RS-422 Differential Bus Transceiver
logo
Burr-Brown (TI)
ISO485 BURR-BROWN-ISO485 Datasheet
177Kb / 11P
Isolated RS-485 DIFFERENTIAL BUS TRANSCEIVER
logo
National Semiconductor ...
LMS485E NSC-LMS485E Datasheet
248Kb / 13P
Low Power RS-485 / RS-422 Differential Bus Transceiver
LMS1487E NSC-LMS1487E Datasheet
248Kb / 13P
Low Power RS-485 / RS-422 Differential Bus Transceiver
logo
Texas Instruments
SN65HVD888 TI1-SN65HVD888 Datasheet
438Kb / 21P
Bus-Polarity Correcting RS-485 Transceiver With IEC-ESD Protection
logo
Maxim Integrated Produc...
MAX14781E MAXIM-MAX14781E_14 Datasheet
986Kb / 19P
Half-Duplex RS-485 Transceiver with Polarity Correction
Rev 0; 12/13
logo
Texas Instruments
DS96176 TI1-DS96176_15 Datasheet
820Kb / 13P
RS-485/RS-422 Differential Bus Transceiver
SN888C TI1-SN888C Datasheet
434Kb / 22P
Bus-Polarity Correcting RS-485 Transceiver for E-Meters
logo
3PEAK INC.
TP485E 3PEAK-TP485E Datasheet
570Kb / 15P
±18K ESD Protection, Bus-Polarity Correcting RS-485 Transceiver
Rev.A
logo
Texas Instruments
THVD1505 TI1-THVD1505 Datasheet
883Kb / 27P
THVD1505 Bus-Polarity Correcting RS-485 Transceiver With IEC-ESD Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com