Electronic Components Datasheet Search
  English  ▼

X  

SN888CD Datasheet(PDF) 3 Page - Texas Instruments

Part # SN888CD
Description  Bus-Polarity Correcting RS-485 Transceiver for E-Meters
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN888CD Datasheet(HTML) 3 Page - Texas Instruments

  SN888CD Datasheet HTML 1Page - Texas Instruments SN888CD Datasheet HTML 2Page - Texas Instruments SN888CD Datasheet HTML 3Page - Texas Instruments SN888CD Datasheet HTML 4Page - Texas Instruments SN888CD Datasheet HTML 5Page - Texas Instruments SN888CD Datasheet HTML 6Page - Texas Instruments SN888CD Datasheet HTML 7Page - Texas Instruments SN888CD Datasheet HTML 8Page - Texas Instruments SN888CD Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
SN888C
www.ti.com
SLLSEI4 – SEPTEMBER 2013
ABSOLUTE MAXIMUM RATINGS
(1)
VALUE
UNIT
MIN
MAX
VCC
Supply voltage
–0.5
7
Input voltage range at any logic pin
–0.3
5.7
V
Voltage input range, transient pulse, A and B, through 100
Ω
–100
100
Voltage range at A or B inputs
–18
18
Receiver output current
–24
24
mA
Continuous total-power dissipation
See THERMAL INFORMATION table
IEC 61000-4-2 ESD (Contact Discharge), bus terminals and GND
±12
IEC 61000-4-4 EFT (Fast transient or burst) bus terminals and GND
±4
IEC 60749-26 ESD (HBM), bus terminals and GND
±16
kV
Test Method A114 (HBM), all pins
±8
JEDEC Standard 22
Test Method C101 (Charged Device Model), all pins
±1.5
Test Method A115 (Machine Model), all pins
±200
V
TJ
Junction temperature
170
°C
TSTG
Storage temperature
–65
150
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
THERMAL INFORMATION
SN888C
THERMAL METRIC(1)
UNITS
PACKAGE SOIC
(D)
θJA
Junction-to-ambient thermal resistance
116.1
θJCtop
Junction-to-case (top) thermal resistance
60.8
θJB
Junction-to-board thermal resistance(2)
57.1
°C/W
ψJT
Junction-to-top characterization parameter
13.9
ψJB
Junction-to-board characterization parameter
56.5
θJCbot
Junction-to-case (bottom) thermal resistance
NA
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
(2)
The junction-to-board thermal resistance is obtained by simulating in an environment with a ring cold plate fixture to control the PCB
temperature, as described in JESD51-8.
POWER DISSIPATION
PARAMETER
TEST CONDITIONS
VALUE
UNITS
RL = 300 Ω,
164
Unterminated
Power dissipation
CL = 50 pF (driver)
Driver and receiver enabled,
RL = 100 Ω,
247
PD
VCC = 5.5 V, TJ = 150°C
RS-422 load
mW
CL = 50 pF (driver)
50% duty cycle square-wave signal at
RL = 54 Ω,
316
250-kbps signaling rate:
RS-485 load
CL = 50 pF (driver)
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: SN888C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com