Electronic Components Datasheet Search
  English  ▼

X  

SN888CD Datasheet(PDF) 4 Page - Texas Instruments

Part # SN888CD
Description  Bus-Polarity Correcting RS-485 Transceiver for E-Meters
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN888CD Datasheet(HTML) 4 Page - Texas Instruments

  SN888CD Datasheet HTML 1Page - Texas Instruments SN888CD Datasheet HTML 2Page - Texas Instruments SN888CD Datasheet HTML 3Page - Texas Instruments SN888CD Datasheet HTML 4Page - Texas Instruments SN888CD Datasheet HTML 5Page - Texas Instruments SN888CD Datasheet HTML 6Page - Texas Instruments SN888CD Datasheet HTML 7Page - Texas Instruments SN888CD Datasheet HTML 8Page - Texas Instruments SN888CD Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
SN888C
SLLSEI4 – SEPTEMBER 2013
www.ti.com
RECOMMENDED OPERATING CONDITIONS
MIN
NOM
MAX
UNIT
VCC
Supply voltage
4.5
5
5.5
VID
Differential input voltage
–12
12
VI
Input voltage at any bus terminal (separate or common mode)(1)
–7
12
V
VIH
High-level input voltage (driver, driver-enable, and receiver-enable inputs)
2
VCC
VIL
Low-level input voltage (driver, driver-enable, and receiver-enable inputs)
0
0.8
Driver
–60
60
IO
Output current
mA
Receiver
–8
8
CL
Differential load capacitance
50
pF
RL
Differential load resistance
60
Ω
1/tUI
Signaling rate
0.3
250
kbps
TJ
Junction temperature
–40
150
°C
TA
(2)
Operating free-air temperature (see THERMAL INFORMATION for additional
–40
85
information)
(1)
The algebraic convention in which the least positive (most negative) limit is designated as minimum is used in this data sheet.
(2)
Operation is specified for internal (junction) temperatures up to 150°C. Self-heating due to internal power dissipation should be
considered for each application. Maximum junction temperature is internally limited by the thermal shut-down (TSD) circuit which
disables the driver outputs when the junction temperature reaches 170°C.
ELECTRICAL CHARACTERISTICS
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
RL = 60
Ω, 375 Ω on each
See Figure 2
1.5
2.5
output from –7 to +12 V
Driver differential-output
│VOD│
V
voltage magnitude
RL = 54
Ω (RS-485)
1.5
2.5
See Figure 3
RL = 100
Ω (RS-422)
2
3
Change in magnitude of
RL = 54
Ω, CL = 50 pF
–0.2
0
0.2
Δ│VOD
driver differential-output
See Figure 3
V
│
voltage
Steady-state common-mode
1
VCC / 2
3
VOC(SS)
V
output voltage
Change in differential driver
–0.2
0
0.2
Center of two 27-
Ω load
ΔVOC
common-mode output
See Figure 3
resistors
voltage
mV
Peak-to-peak driver common-
850
VOC(PP)
mode output voltage
Differential output
8
COD
pF
capacitance
Positive-going receiver
35
100
VIT+
differential-input voltage
mV
threshold
Negative-going receiver
–100
–35
VIT–
differential-input voltage
mV
threshold
Receiver differential-input
40
60
VHYS
(1)
voltage threshold hysteresis
mV
(VIT+ – VIT– )
Receiver high-level output
IOH = –8 mA
2.4
VCC – 0.3
VOH
V
voltage
Receiver low-level output
IOL = 8 mA
0.2
0.4
VOL
V
voltage
Driver input, driver enable,
–2
2
II
and receiver enable input
µA
current
(1)
Under any specific conditions, VIT+ is ensured to be at least VHYS higher than VIT–.
4
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: SN888C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com