Electronic Components Datasheet Search
  English  ▼

X  

SN888CD Datasheet(PDF) 6 Page - Texas Instruments

Part # SN888CD
Description  Bus-Polarity Correcting RS-485 Transceiver for E-Meters
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN888CD Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN888CD Datasheet HTML 2Page - Texas Instruments SN888CD Datasheet HTML 3Page - Texas Instruments SN888CD Datasheet HTML 4Page - Texas Instruments SN888CD Datasheet HTML 5Page - Texas Instruments SN888CD Datasheet HTML 6Page - Texas Instruments SN888CD Datasheet HTML 7Page - Texas Instruments SN888CD Datasheet HTML 8Page - Texas Instruments SN888CD Datasheet HTML 9Page - Texas Instruments SN888CD Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
VO
VI
tPZL
tPLZ
50%
50%
5V
§5V
0V
VOL
10%
Input
Generator
A
B
VO
D
RL= 110
Ÿ
VI
50
Ÿ
DE
CL=
50 pF
S1
5V
VO
VI
tPZH
tPHZ
50%
50%
5V
§0V
0V
VOH
90%
Input
Generator
A
B
VO
D
RL=
110
Ÿ
VI
50
Ÿ
DE
CL=
50 pF
S1
VOD
VI
tPLH
tPHL
tr
tf
90%
50%
10%
50%
5V
§2V
§-2V
0V
Input
Generator
A
B
Vcc
VOD
D
54
Ÿ
VI
50
Ÿ
DE
CL=
50 pF
A
B
VOC
VOC(PP)
ûVOC(SS)
VA
VB
0V or 5 V
A
B
VOD
D
RL/2
RL/2
CL VOC
0V or 5 V
A
B
DE
Vcc
-7V < Vtest < 12 V
VOD
D
375
Ÿ
60
Ÿ
375
Ÿ
SN888C
SLLSEI4 – SEPTEMBER 2013
www.ti.com
PARAMETER MEASUREMENT INFORMATION
DRIVER
Figure 2. Measurement of Driver Differential-Output Voltage With Common-Mode Load
Figure 3. Measurement of Driver Differential and Common-Mode Output With RS-485 Load
Figure 4. Measurement of Driver Differential-Output Rise and Fall Times and Propagation Delays
Figure 5. Measurement of Driver Enable and Disable Times With Active-High Output and Pull-Down Load
Figure 6. Measurement of Driver Enable and Disable Times With Active-Low Output and Pull-Up Load
6
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: SN888C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com