Electronic Components Datasheet Search
  English  ▼

X  

SN888CD Datasheet(PDF) 7 Page - Texas Instruments

Part # SN888CD
Description  Bus-Polarity Correcting RS-485 Transceiver for E-Meters
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN888CD Datasheet(HTML) 7 Page - Texas Instruments

Back Button SN888CD Datasheet HTML 3Page - Texas Instruments SN888CD Datasheet HTML 4Page - Texas Instruments SN888CD Datasheet HTML 5Page - Texas Instruments SN888CD Datasheet HTML 6Page - Texas Instruments SN888CD Datasheet HTML 7Page - Texas Instruments SN888CD Datasheet HTML 8Page - Texas Instruments SN888CD Datasheet HTML 9Page - Texas Instruments SN888CD Datasheet HTML 10Page - Texas Instruments SN888CD Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
VI
0V
tPHL
50%
Input
Generator
VO
VI
50
Ÿ
RE
A
B
R
1.5V
0V
10 k
Ÿ
50%
tFS
VO
VCC
(DE = Low)
VO
VI
50%
5V
§0V
0V
VOH
50%
VOL
VCC
tPZL(2)
VO
tPZH(2)
A at 1.5V
B at 0V
S1 to GND
A at 0V
B at 1.5V
S1 to VCC
50%
Input
Generator
VO
VI
50
Ÿ
A
B
R
CL= 15 pF
RE
0V or 1.5 V
Vcc
1 k
Ÿ
S1
1.5 V or 0 V
VO
VI
tPHZ
50%
50%
5V
§0V
0V
VOH
90%
50%
10%
VOL
VCC
tPLZ
tPZL(1)
VO
tPZH(1)
D at 5V
S1 to GND
D at 0V
S1 to VCC
Input
Generator
VO
VI
50
Ÿ
A
B
R
CL= 15 pF
RE
0V or 5 V
DE
Vcc
D
Vcc
1 k
Ÿ
S1
VOD
VI
tPLH
tPHL
tr
tf
90%
50%
10%
50%
5V
VOH
VOL
0V
Input
Generator
VO
VI
50
Ÿ
RE
A
B
R
1.5V
0V
CL= 15 pF
SN888C
www.ti.com
SLLSEI4 – SEPTEMBER 2013
PARAMETER MEASUREMENT INFORMATION (continued)
RECEIVER
Figure 7. Measurement of Receiver Output Rise and Fall Times and Propagation Delays
Figure 8. Measurement of Receiver Enable and Disable Times With Driver Enabled
Figure 9. Measurement of Receiver Enable Times With Driver Disabled
Figure 10. Measurement of Receiver Polarity-Correction Time With Driver Disabled
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: SN888C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com