Electronic Components Datasheet Search
  English  ▼

X  

SN888CD Datasheet(PDF) 10 Page - Texas Instruments

Part # SN888CD
Description  Bus-Polarity Correcting RS-485 Transceiver for E-Meters
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN888CD Datasheet(HTML) 10 Page - Texas Instruments

Back Button SN888CD Datasheet HTML 6Page - Texas Instruments SN888CD Datasheet HTML 7Page - Texas Instruments SN888CD Datasheet HTML 8Page - Texas Instruments SN888CD Datasheet HTML 9Page - Texas Instruments SN888CD Datasheet HTML 10Page - Texas Instruments SN888CD Datasheet HTML 11Page - Texas Instruments SN888CD Datasheet HTML 12Page - Texas Instruments SN888CD Datasheet HTML 13Page - Texas Instruments SN888CD Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
-Vod
+Vod
Dm
VAm
VBm
DIRm
high Z
-Vid
+Vid
tFS
Rs
VAs
VBs
Uncorrected R output:
R is in phase with
wrong VID polarity
Corrected R output:
R is reversed to
wrong VID polarity
DIRs
Low due to pull-down
or actively driven
VSs
Low due to pull-down and then actively driven
Master
signals
Slave
signals
VFS
VFS
0V
0V
SN888C
SLLSEI4 – SEPTEMBER 2013
www.ti.com
Figure 12. Polarity Correction Timing Prior to a Data Transmission
Initially the slave receiver assumes that the correct bus polarity is applied to the inputs and performs no polarity
reversal. Because of the reversed polarity of the bus-failsafe voltage, the output of the slave receiver, RS, turns
low. After tFS has passed and the receiver has detected the wrong bus polarity, the internal POLCOR logic
reverses the input signal and RS turns high.
At this point, all incoming bus data with reversed polarity are polarity-corrected within the transceiver. Because
polarity correction is also applied to the transmit path, the data sent by the slave MCU are reversed by the
POLCOR logic, then fed into the driver.
The reversed data from the slave MCU are reversed again by the cross-wire fault in the bus, and the correct bus
polarity is reestablished at the master end.
This process repeats each time the device powers up and detects an incorrect bus polarity.
10
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: SN888C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com