Electronic Components Datasheet Search
  English  ▼

X  

SN888CD Datasheet(PDF) 5 Page - Texas Instruments

Part # SN888CD
Description  Bus-Polarity Correcting RS-485 Transceiver for E-Meters
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN888CD Datasheet(HTML) 5 Page - Texas Instruments

  SN888CD Datasheet HTML 1Page - Texas Instruments SN888CD Datasheet HTML 2Page - Texas Instruments SN888CD Datasheet HTML 3Page - Texas Instruments SN888CD Datasheet HTML 4Page - Texas Instruments SN888CD Datasheet HTML 5Page - Texas Instruments SN888CD Datasheet HTML 6Page - Texas Instruments SN888CD Datasheet HTML 7Page - Texas Instruments SN888CD Datasheet HTML 8Page - Texas Instruments SN888CD Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
SN888C
www.ti.com
SLLSEI4 – SEPTEMBER 2013
ELECTRICAL CHARACTERISTICS (continued)
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Receiver high-impedance
VO = 0 V or VCC, /RE at VCC
–10
10
IOZ
µA
output current
Driver short-circuit output
│IOS│ with VA or VB from –7 to +12 V
150
│IOS│
mA
current
VCC = 4.5 to 5.5 V or
VI = 12 V
75
125
Bus input current (driver
II
µA
disabled)
VCC = 0 V, DE at 0 V
VI = –7 V
–100
–40
Driver and receiver enabled
DE = VCC, /RE =
750
900
GND, No load
Driver enabled, receiver
DE = VCC, /RE = VCC,
650
disabled
No load
ICC
Supply current (quiescent)
µA
Driver disabled, receiver
DE = GND, /RE =
750
enabled
GND, No load
Driver and receiver disabled
DE = GND, D = GND
0.4
5
/RE = VCC, No load
Supply current (dynamic)
See
SWITCHING CHARACTERISTICS
3.3 ms > bit time > 4
μs (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DRIVER
tr, tf
Driver differential-output rise and
400
700
1200
fall times
RL = 54
Ω, CL = 50
See Figure 4
ns
tPHL, tPLH
Driver propagation delay
pF
90
700
1000
tSK(P)
Driver pulse skew, |tPHL – tPLH|
25
200
tPHZ, tPLZ
Driver disable time
50
500
ns
See Figure 5 and
tPHZ, tPLZ
Driver enable time
Receiver enabled
500
1000
Figure 6
Receiver disabled
3
9
µs
RECEIVER
tr, tf
Receiver output rise and fall times
18
30
tPHL, tPLH
Receiver propagation delay time
CL = 15 pF
See Figure 7
85
195
ns
tSK(P)
Receiver pulse skew, |tPHL – tPLH|
1
15
tPHZ, tPLZ
Receiver disable time
50
500
tPZL(1),
Driver enabled
See Figure 8
20
130
ns
tPZH(1)
Driver disabled
See Figure 9
2
8
µs
Receiver enable time
tPZL(2),
tPZH(2)
tFS
Bus failsafe time
Driver disabled
See Figure 10
44
58
76
ms
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: SN888C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com