Electronic Components Datasheet Search
  English  ▼

X  

SN888CD Datasheet(PDF) 9 Page - Texas Instruments

Part # SN888CD
Description  Bus-Polarity Correcting RS-485 Transceiver for E-Meters
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN888CD Datasheet(HTML) 9 Page - Texas Instruments

Back Button SN888CD Datasheet HTML 5Page - Texas Instruments SN888CD Datasheet HTML 6Page - Texas Instruments SN888CD Datasheet HTML 7Page - Texas Instruments SN888CD Datasheet HTML 8Page - Texas Instruments SN888CD Datasheet HTML 9Page - Texas Instruments SN888CD Datasheet HTML 10Page - Texas Instruments SN888CD Datasheet HTML 11Page - Texas Instruments SN888CD Datasheet HTML 12Page - Texas Instruments SN888CD Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
A
B
D
DE
R
RE
Vcc
GND
A
B
D
DE
R
RE
VS-Master
RFS
RFS
RT
(opt.)
VSM
GND
Vcc
VS-Slave
RxD
TxD
DIR
MCU
DGND
Vdd
VS-Slave
RxD
TxD
DIR
MCU
DGND
Vdd
VS-Master
Slave
node
Master
node
RT
(opt.)
SN888C
www.ti.com
SLLSEI4 – SEPTEMBER 2013
DEVICE INFORMATION
Low-Power Standby Mode
When the driver and the receiver are both disabled (DE = low and RE = high) the device enters standby mode. If
the enable inputs are in the disabled state for only a brief time (for example: less than 100 ns), the device does
not enter standby mode, preventing the SN888C device from entering standby mode during driver or receiver
enabling. Only when the enable inputs are held in the disabled state for a duration of 300 ns or more does the
device enter low-power standby mode. In this mode most internal circuitry is powered down, and the steady-state
supply current is typically less than 400 nA. When either the driver or the receiver is re-enabled, the internal
circuitry becomes active. During VCC power-up, when the device is set for both driver and receiver disabled
mode, the device may consume more than 5-µA of ICC disabled current because of capacitance charging
effects. This condition occurs only during VCC power-up.
Bus Polarity Correction
The SN888C device automatically corrects a wrong bus-signal polarity caused by a cross-wire fault. In order to
detect the bus polarity, all three of the following conditions must be met:
•
A failsafe-biasing network (commonly at the master node) must define the signal polarity of the bus.
•
A slave node must enable the receiver and disable the driver (/RE = DE = low).
•
The bus must idle for the failsafe time, tFS-max.
After the failsafe time has passed, the polarity correction is complete and applied to both the receive and transmit
channels. The status of the bus polarity latches within the transceiver and maintains for subsequent data
transmissions.
NOTE
Avoid data string durations of consecutive 0s or 1s exceeding tFS-min, which can accidently
trigger a wrong polarity correction.
Figure 11 shows a simple point-to-point data link between a master node and a slave node. Because the master
node with the failsafe biasing network determines the signal polarity on the bus, an RS-485 transceiver without
polarity correction, such as SN65HVD82, suffices. All other bus nodes, typically performing as slaves, require the
SN888C transceiver with polarity correction.
Figure 11. Point-To-Point Data Link With Cross-Wire Fault
Prior to initiating data transmission the master transceiver must idle for a time span that exceeds the maximum
failsafe time, tFS-max, of a slave transceiver. To accomplish this idle time, drive the direction control line, DIR, low.
After a time, t > tFS-max, the master begins transmitting data.
Because of the indicated cross-wire fault between master and slave, the slave node receives bus signals with
reversed polarity. Assuming the slave node has just been connected to the bus, the direction-control pin is
pulled-down during power-up, and then is actively driven low by the slave MCU. The polarity correction begins as
soon as the slave supply is established and ends after approximately 44 to 76 ms.
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: SN888C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com