Electronic Components Datasheet Search
  English  ▼

X  

XC9213 Datasheet(PDF) 8 Page - Torex Semiconductor

Part # XC9213
Description  Synchronous Step-Down DC/DC Controller IC - Input Voltage : 25V
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC9213 Datasheet(HTML) 8 Page - Torex Semiconductor

Back Button XC9213 Datasheet HTML 4Page - Torex Semiconductor XC9213 Datasheet HTML 5Page - Torex Semiconductor XC9213 Datasheet HTML 6Page - Torex Semiconductor XC9213 Datasheet HTML 7Page - Torex Semiconductor XC9213 Datasheet HTML 8Page - Torex Semiconductor XC9213 Datasheet HTML 9Page - Torex Semiconductor XC9213 Datasheet HTML 10Page - Torex Semiconductor XC9213 Datasheet HTML 11Page - Torex Semiconductor XC9213 Datasheet HTML 12Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 34 page
background image
8/34
XC9213 Series
Circuit 14
Circuit 15
Circuit 16
Circuit 17
Circuit 18
Circuit 19
■TEST CIRCUITS (Continued)
VIN
VSENSE
VL
CE
AGND
MODE
CPRO
CSS
VDIN
FB
VDOUT
PGND
EXT2
LX
EXT1
BST
100pF
+
-
+
-
+
-
1uF
10uF
V
VIN
VSENSE
VL
CE
AGND
MODE
CPRO
CSS
VDIN
FB
VDOUT
PGND
EXT2
LX
EXT1
BST
100pF
+
-
+
-
+
-
50Ω
1uF
10uF
OSC
+
-
10uF
VIN
VSENSE
VL
CE
AGND
MODE
CPRO
CSS
VDIN
FB
VDOUT
PGND
EXT2
LX
EXT1
BST
100pF
+
-
+
-
+
-
1uF
10uF
V
VIN
VSENSE
VL
CE
AGND
MODE
CPRO
CSS
VDIN
FB
VDOUT
PGND
EXT2
LX
EXT1
BST
+
-
+
-
A
100kΩ
100kΩ
1uF
10uF
100pF
VIN
VSENSE
VL
CE
AGND
MODE
CPRO
CSS
VDIN
FB
VDOUT
PGND
EXT2
LX
EXT1
BST
+
-
+
-
A
100kΩ
100kΩ
1uF
10uF
100pF
VIN
VSENSE
VL
CE
AGND
MODE
CPRO
CSS
VDIN
FB
VDOUT
PGND
EXT2
LX
EXT1
BST
+
-
+
-
+
-
A
100kΩ
100kΩ
1uF
10uF
OSC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com