Electronic Components Datasheet Search
  English  ▼

X  

XC9213 Datasheet(PDF) 4 Page - Torex Semiconductor

Part # XC9213
Description  Synchronous Step-Down DC/DC Controller IC - Input Voltage : 25V
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC9213 Datasheet(HTML) 4 Page - Torex Semiconductor

  XC9213 Datasheet HTML 1Page - Torex Semiconductor XC9213 Datasheet HTML 2Page - Torex Semiconductor XC9213 Datasheet HTML 3Page - Torex Semiconductor XC9213 Datasheet HTML 4Page - Torex Semiconductor XC9213 Datasheet HTML 5Page - Torex Semiconductor XC9213 Datasheet HTML 6Page - Torex Semiconductor XC9213 Datasheet HTML 7Page - Torex Semiconductor XC9213 Datasheet HTML 8Page - Torex Semiconductor XC9213 Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 34 page
background image
4/34
XC9213 Series
PARAMETER
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS CIRCUIT
Input Voltage (*2)
VIN
4.0
-
25.0
V
-
Output Voltage
Setting Range
VOUTSET
1.5
-
15.0
V
-
FB Control Voltage
VFB
0.980
1.000
1.020
V
1
U.V.L.O. Voltage
UVLO
Voltage which EXT1 pin starts oscillation
1.0
1.5
2.0
V
2
Supply Current 1
IDD1
CE=VIN, FB=0.9V
-
550
800
μA
3
Supply Current 2
IDD2
CE=VIN, FB=1.1V
-
450
600
μA
3
Stand-by Current
ISTB
CE=FB=0V
-
-
4.0
μA
4
Oscillation Frequency
FOSC
CE=VIN, FB=0.9V
255
300
345
kHz
5
Maximum Duty Ratio 1
MAXDTY1
CE=VIN, FB=0.9V
91
95
-
%
5
Maximum Duty Ratio 2
MAXDTY2
CE=VIN, FB=1.1V
-
98
-
%
5
PFM Duty Ratio
PFMDTY
With external components,
VOUT=3V, MODE=0V, IOUT=1mA,
No RSENSE
2.5
3.0
3.9
μs
6
Sense Voltage
VSENSE
Voltage which EXT1 pin stops oscillation
145
170
200
mV
7
CPRO time
TPRO
CPRO=4700pF, VSENSE=0V 0.5V,
Time until VDOUT inverts H to L
2.3
4.7
9.4
ms
8
Soft-Start Time
TSS
With external components,
CSS=4700pF, CE=0V 3V,
Time until voltage becomes VOUT x 0.95
4
8
21
ms
9
Short Protection Circuit
Operating Voltage
VSHORT
VIN-VSENSE: 0.3V fixed, FB: SWEEP.
Voltage which VDOUT inverts H to L
0.15
0.40
0.72
V
25
Efficiency
EFFI
With external components, IOUT=1A,
VOUT=3.0V
-
93
-
%
10
CE "H" Voltage
VCEH
Voltage which EXT1 pin starts oscillation
1.4
-
-
V
11
CE "L" Voltage
VCEL
Voltage which EXT1 pin voltage holding
"L" level
-
-
0.4
V
11
MODE "H" Voltage
VMODEH
Voltage which EXT2 pin starts oscillation
1.4
-
-
V
12
MODE "L" Voltage
VMODEL
Voltage which EXT2 pin voltage holding
"L" level
-
-
0.4
V
12
EXT1 "H"
ON Resistance
REXT1H
FB=0.9V, EXT1=3.6V
-
18
23
Ω
13
EXT1 "L"
ON Resistance
REXT1L
FB=1.1V, EXT1=0.4V
-
11
18
Ω
14
EXT2 "H"
ON Resistance
REXT2H
FB=1.1V, EXT1=3.6V
-
18
23
Ω
15
EXT2 "L"
ON Resistance
REXT2L
FB=0.9V, EXT2=0.4V
-
4
8
Ω
16
Dead Time 1
TDT1
With external components,
EXT1: H L, EXT2: L H
-
100
-
ns
10
Dead Time 2
TDT2
With external components,
EXT2: H L, EXT1: L H
-
60
-
ns
10
CE "H" Current
ICEH
CE=5.0V
-
-
0.1
μA
17
CE "L" Current
ICEL
CE=0V
-0.1
-
-
μA
17
MODE "H" Current
IMODEH
MODE=5.0V
-
-
0.1
μA
18
MODE "L" Current
IMODEL
MODE=0V
-0.1
-
-
μA
18
CSS Current
ICSS
CSS=0V
-4.0
-2.0
-
μA
19
FB "H" Current
IFBH
FB=5.0V
-
-
0.1
μA
20
FB "L" Current
IFBL
FB=0V
-0.1
-
-
μA
20
■ELECTRICAL CHARACTERISTICS
XC9213B103 (FOSC = 300kHz)
Ta=25OC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com