Electronic Components Datasheet Search
  English  ▼

X  

XC9213 Datasheet(PDF) 16 Page - Torex Semiconductor

Part # XC9213
Description  Synchronous Step-Down DC/DC Controller IC - Input Voltage : 25V
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC9213 Datasheet(HTML) 16 Page - Torex Semiconductor

Back Button XC9213 Datasheet HTML 12Page - Torex Semiconductor XC9213 Datasheet HTML 13Page - Torex Semiconductor XC9213 Datasheet HTML 14Page - Torex Semiconductor XC9213 Datasheet HTML 15Page - Torex Semiconductor XC9213 Datasheet HTML 16Page - Torex Semiconductor XC9213 Datasheet HTML 17Page - Torex Semiconductor XC9213 Datasheet HTML 18Page - Torex Semiconductor XC9213 Datasheet HTML 19Page - Torex Semiconductor XC9213 Datasheet HTML 20Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 34 page
background image
16/34
XC9213 Series
■NOTES ON USE
3. Current Limit PFM Control
With a built-in bootstrap buffer driver circuit, the XC9213 series generates voltage for Tr1 to be turned on by charging CBST
with VL (4V). When Tr1 is off, Tr2 is on, and the Lx signal is low, it will be suitable timing for charging CBST. (Please refer to
the above figure.) For that reason, at PFM control (MODE: Low), the clock pulses will decrease extremely according to the
decrease of the load current. As a result, it will cause a decrease of charging frequency and an electric discharge of CBST
so that sufficient voltage for the Tr1 to be turned on will not be supplied.
Therefore,
1) Please use a Schottky Barrier Diode with few reverse current values for SD2.
2) Please avoid extreme light loads (e.g. less than a few mA)
Moreover, the above-mentioned operation may occur, influenced by external components including SD2 and ambient
temperature. It’s recommended to use the IC after evaluation with an actual device.
1. Overcurrent Limit Function
The internal current detection circuit is designed to monitor voltage occurs between RSENSE resistors in the overcurrent
condition. In case that the overcurrent limit function operates when the output is shorted, etc., the current detection circuit
detects that the voltage between RSENSE resistors reaches the SENSE voltage (170mV TYP.), and, thereby, the overcurrent
limit circuit outputs the signal, which makes High side’s N-ch MOSFET turn off. Therefore, delay time will occur (300ns TYP.)
after the current detection circuit detects the SENSE voltage before High side’s N-ch MOSFET turns off. When the
overcurrent limit function operates because of rapid load fluctuation etc., the SENSE voltage will spread during the delay
time without being limited at the voltage value, which is supposed to be limited. Therefore, please be noted to the absolute
maximum ratings of external MOSFET, a coil, and an Schottky diode.
2. Short Protection Circuit
In case that a power supply is applied to the IC while the output is shorted, or the IC is switched to enable state from disable
state via the CE pin, when High side’s N-ch MOSFET is ON and Low side’s N-ch MOSFET is OFF, the potential difference
for input voltage will occur to the both ends of a coil. Therefore, the time rate of coil current becomes large. By contrast, when
High side’s N-ch MOSFET is OFF and Low side’s N-ch MOSFET is ON, there is almost no potential difference at both ends
of the coil since the output voltage is shorted to the Ground. For this, the time rate of coil current becomes quite small. This
operation is repeated within soft-start time; therefore, coil current will increase for every clock. Also with the delay time of the
circuit, coil current will be converged on a certain current value without being limited at the current amount, which is
supposed to be limited. However, step-down operation will stop and the circuit can be latched if FB voltage is decreasing to
the voltage level, which enables to operate a short protection circuit when the soft-start time completes. Even if the FB
voltage is not decreasing to the voltage level, which a short protection circuit cannot be operated, the step-down operation
stops when CPRO time completes, and the circuit will be latched.
Please be noted to the absolute maximum ratings of external MOSFET, a coil, and an Schottky diode.
EXT1
EXT2
LX
PGND
BST
VL(4V)
CBST
VIN
Tr1
Tr2
CL
SD2
SD1
L
CBST Charge
CBST Charge
LX W aveform (MODE:Low, PFM)
GND
XC9213



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com