Electronic Components Datasheet Search
  English  ▼

X  

XC9213 Datasheet(PDF) 25 Page - Torex Semiconductor

Part # XC9213
Description  Synchronous Step-Down DC/DC Controller IC - Input Voltage : 25V
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC9213 Datasheet(HTML) 25 Page - Torex Semiconductor

Back Button XC9213 Datasheet HTML 21Page - Torex Semiconductor XC9213 Datasheet HTML 22Page - Torex Semiconductor XC9213 Datasheet HTML 23Page - Torex Semiconductor XC9213 Datasheet HTML 24Page - Torex Semiconductor XC9213 Datasheet HTML 25Page - Torex Semiconductor XC9213 Datasheet HTML 26Page - Torex Semiconductor XC9213 Datasheet HTML 27Page - Torex Semiconductor XC9213 Datasheet HTML 28Page - Torex Semiconductor XC9213 Datasheet HTML 29Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 34 page
background image
25/34
XC9213
Series
VLOUT vs. Topr
3.8
3.9
4.0
4.1
4.2
-50
0
50
100
-100
-50
0
50
100
-50
0
50
100
VDF vs. Topr
0.80
0.85
0.90
0.95
1.00
-50
0
50
100
VDR vs. Topr
0.80
0.85
0.90
0.95
1.00
-50
0
50
100
VCEH vs. Topr
0.2
0.4
0.6
0.8
1.0
1.2
1.4
-50
0
50
100
VCEL vs. Topr
0.2
0.4
0.6
0.8
1.0
1.2
1.4
-50
0
50
100
VLOUT Temperature coefficient vs. Topr (25℃-based)
Topr (℃)
Topr (℃)
Topr (℃)
Topr (℃)
Topr (℃)
Topr (℃)
■TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
(10) VR Output Voltage Temperature Characteristics
(11) VD Detect Voltage Temperature Characteristics
(12) VD Release Voltage Temperature Characteristics
(13) CE "H", "L" Voltage Temperature Characteristics
Temperature Topr(℃)
Temperature Topr(℃)
Temperature Topr(℃)
Temperature Topr(℃)
Temperature Topr(℃)
Temperature Topr(℃)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com