Electronic Components Datasheet Search
  English  ▼

X  

XC9213 Datasheet(PDF) 14 Page - Torex Semiconductor

Part # XC9213
Description  Synchronous Step-Down DC/DC Controller IC - Input Voltage : 25V
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC9213 Datasheet(HTML) 14 Page - Torex Semiconductor

Back Button XC9213 Datasheet HTML 10Page - Torex Semiconductor XC9213 Datasheet HTML 11Page - Torex Semiconductor XC9213 Datasheet HTML 12Page - Torex Semiconductor XC9213 Datasheet HTML 13Page - Torex Semiconductor XC9213 Datasheet HTML 14Page - Torex Semiconductor XC9213 Datasheet HTML 15Page - Torex Semiconductor XC9213 Datasheet HTML 16Page - Torex Semiconductor XC9213 Datasheet HTML 17Page - Torex Semiconductor XC9213 Datasheet HTML 18Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 34 page
background image
14/34
XC9213 Series
PFM Peak Current
0.0
0.5
1.0
1.5
2.0
2.5
3.0
012
345
Vdif/L (V/μH)
RSENSE:50mΩ
PFM Peak Current
0.0
0.5
1.0
1.5
2.0
2.5
3.0
01
23
4
5
Vdif/L (V/μH)
RSENSE:20mΩ
PFM Peak Current
0.0
0.5
1.0
1.5
2.0
2.5
3.0
012345
Vdif/L (V/μH)
RSENSE:33mΩ
■EXTERNAL COMPONENTS (Continued)
●Sense Resistance (RSENSE)
The below values can be adjusted by using sense resistance (RSENSE).
It is recommended using the RSENSE value in the range of 20m
Ω to 100mΩ.
1) Detect current value of the overcurrent detect circuit
Maximum output current (IOUTMAX) can be adjusted as the equation below.
IOUTMAX (A)
≒ 200mV (MAX.) / RSENSE (mΩ)
When 4V≦VIN<5V, the maximum output current becomes larger than the calculated value.
Please also refer to the characteristics performance below.
2) Peak current value of the current limit PFM control
Peak current value of the current limit PFM control (I_PFM) varies depending on the dropout voltage (VDIF), the coil (L)
value and the sense resistance value (RSENSE). For the XC9213 series' sample with voltage sense (VSENSE) 170mV,
the characteristic performance below shows the changes in the peak current (I_PFM) when the sense resistance values
(RSENSE) are 20mΩ, 33 mΩ, and 50 mΩ. The peak current varies according to the dropout voltage and the coil value.
The sense voltage varies within the range of 145 mV≦VSENSE≦200mV.
The peak current as shown in three graphs fluctuates
according to the sample's sense voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com