Electronic Components Datasheet Search
  English  ▼

X  

XC9213 Datasheet(PDF) 17 Page - Torex Semiconductor

Part # XC9213
Description  Synchronous Step-Down DC/DC Controller IC - Input Voltage : 25V
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC9213 Datasheet(HTML) 17 Page - Torex Semiconductor

Back Button XC9213 Datasheet HTML 13Page - Torex Semiconductor XC9213 Datasheet HTML 14Page - Torex Semiconductor XC9213 Datasheet HTML 15Page - Torex Semiconductor XC9213 Datasheet HTML 16Page - Torex Semiconductor XC9213 Datasheet HTML 17Page - Torex Semiconductor XC9213 Datasheet HTML 18Page - Torex Semiconductor XC9213 Datasheet HTML 19Page - Torex Semiconductor XC9213 Datasheet HTML 20Page - Torex Semiconductor XC9213 Datasheet HTML 21Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 34 page
background image
17/34
XC9213
Series
■NOTES ON USE (Continued)
4. Switching on and off the IC by the input voltage pin
When the IC is switched on and off by the input voltage pin (VIN) instead of the chip enable pin (CE), the IC may stop
operation because a protection circuit built inside the short-protection circuit, etc. begins to work in order to block ON
signal which is sent before the soft-start capacitor connection pin (CSS) resets. The following methods can be used for
avoiding this situation;
a) Turn on the power source again after input voltage becomes below U.V.L.O. detect voltage (1.0V MIN.), furthermore,
after the lapse of the time constant of τ=CSS x 50k.
b) Before turning the power source on again, start-up the IC after resetting the CSS forcibly and keeping soft-start time.
Please make sure the CSS pin is discharged once and the soft-start time is secured when starting up the IC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com