Electronic Components Datasheet Search
  English  ▼

X  

XC9213 Datasheet(PDF) 24 Page - Torex Semiconductor

Part # XC9213
Description  Synchronous Step-Down DC/DC Controller IC - Input Voltage : 25V
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC9213 Datasheet(HTML) 24 Page - Torex Semiconductor

Back Button XC9213 Datasheet HTML 20Page - Torex Semiconductor XC9213 Datasheet HTML 21Page - Torex Semiconductor XC9213 Datasheet HTML 22Page - Torex Semiconductor XC9213 Datasheet HTML 23Page - Torex Semiconductor XC9213 Datasheet HTML 24Page - Torex Semiconductor XC9213 Datasheet HTML 25Page - Torex Semiconductor XC9213 Datasheet HTML 26Page - Torex Semiconductor XC9213 Datasheet HTML 27Page - Torex Semiconductor XC9213 Datasheet HTML 28Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 34 page
background image
24/34
XC9213 Series
FOSC vs. Topr
200
250
300
350
400
-50
0
50
100
Topr (℃)
FOSC Temperature Coefficient vs. Topr
(25℃-based)
-3000
-2000
-1000
0
1000
2000
3000
-50
0
50
100
IDD2 vs. Topr
200
300
400
500
600
700
800
-50
0
50
100
IDD1 vs. Topr
200
300
400
500
600
700
800
-50
0
50
100
ISTB vs. Topr
0
2
4
6
8
10
-50
0
50
100
Topr (℃)
Topr (℃)
Topr (℃)
Topr (℃)
■TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
(7) Oscillation Frequency Temperature Characteristics
(8) Supply Current 1 & 2 Temperature Characteristics
(9) Stand-by Current Temperature Characteristics
Temperature Topr(℃)
Temperature Topr(℃)
Temperature Topr(℃)
Temperature Topr(℃)
Temperature Topr(℃)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com