Electronic Components Datasheet Search
  English  ▼

X  

XC9213 Datasheet(PDF) 5 Page - Torex Semiconductor

Part # XC9213
Description  Synchronous Step-Down DC/DC Controller IC - Input Voltage : 25V
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC9213 Datasheet(HTML) 5 Page - Torex Semiconductor

  XC9213 Datasheet HTML 1Page - Torex Semiconductor XC9213 Datasheet HTML 2Page - Torex Semiconductor XC9213 Datasheet HTML 3Page - Torex Semiconductor XC9213 Datasheet HTML 4Page - Torex Semiconductor XC9213 Datasheet HTML 5Page - Torex Semiconductor XC9213 Datasheet HTML 6Page - Torex Semiconductor XC9213 Datasheet HTML 7Page - Torex Semiconductor XC9213 Datasheet HTML 8Page - Torex Semiconductor XC9213 Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 34 page
background image
5/34
XC9213
Series
PARAMETER
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS
CIRCUIT
Output Voltage
VLOUT
FB=1.1V, ILOUT=10mA
3.86
4.00
4.14
V
21
Load Regulation
VLOUT
FB=1.1V, 1mA≦ILOUT≦30mA
-
45
90
mV
21
Input Regulation
VLOUT
VIN・VLOUT
FB=1.1V, ILOUT=10mA,
VLOUT+1V≦VIN≦25V
-
0.05
0.1
%/V
21
PARAMETER
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS
CIRCUIT
Detect Voltage
VDF
FB=1.1V,
Voltage which VDOUT inverters H to L
0.855
0.900
0.925
V
22
Release Voltage (*4)
VDR
FB=1.1V,
Voltage which VDOUT inverters L to H
0.915
0.954
0.980
V
22
Hysteresis Range
HYS
FB=1.1V
2.9
6.0
7.5
%
22
Output Current
VDIOUT
FB=1.1V, VDIN=VDF-0.4V, VDOUT=0.5V
5
15
20
mA
23
Delay Time
TDLY
VDR→VDOUT inversion
-
-
10
μs
22
VDIN Current
IVDIN
VDIN=5.0V
-
-
0.1
μA
24
NOTE:
*1: Unless otherwise stated, VIN=5.0V, CE=5.0V, MODE=5.0V, FB=0.9V
*2: The operation may not be stable at no load, if the step-down ratio (VOUT/VIN x 100) becomes lower than 12%.
*3: The regulator block is used only for bootstrap. Please do not use as a local power supply.
*4: Release voltage: (VDR) = VDF + HYS x VDF
●Voltage Regulator (*3)
●Voltage Detector
■ELECTRICAL CHARACTERISTICS (Continued)
XC9213B103 (Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com