Electronic Components Datasheet Search
  English  ▼

X  

XC9213 Datasheet(PDF) 33 Page - Torex Semiconductor

Part # XC9213
Description  Synchronous Step-Down DC/DC Controller IC - Input Voltage : 25V
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC9213 Datasheet(HTML) 33 Page - Torex Semiconductor

Back Button XC9213 Datasheet HTML 26Page - Torex Semiconductor XC9213 Datasheet HTML 27Page - Torex Semiconductor XC9213 Datasheet HTML 28Page - Torex Semiconductor XC9213 Datasheet HTML 29Page - Torex Semiconductor XC9213 Datasheet HTML 30Page - Torex Semiconductor XC9213 Datasheet HTML 31Page - Torex Semiconductor XC9213 Datasheet HTML 32Page - Torex Semiconductor XC9213 Datasheet HTML 33Page - Torex Semiconductor XC9213 Datasheet HTML 34Page - Torex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 33 / 34 page
background image
33/34
XC9213
Series
①②③④Represents product series
MARK
①
②
③
④
PRODUCT SERIES
2
1
3
B
XC9213B103Vx
⑤⑥Represents standard voltage
MARK
⑤
⑥
VOLTAGE (V)
PRODUCT SERIES
1
0
1.0
XC9213B103Vx
⑦Represents oscillation frequency
MARK
OSCILLATION FREQUENCY
PRODUCT SERIES
3
300kHz
XC9213B103Vx
■PACKAGING INFORMATION
●TSSOP-16
■MARKING RULE
●TSSOP-16
5. 1± 0. 2
(
0. 65)
0. 22
+0. 1
-0. 05
0. 22
+0. 1
-0. 05
①
②
③
⑤
⑥
⑦
④
a b c
d
34
5
2
1
8
7
6
14
13
12
15
16
9
10
11
TSSOP-16
(TOP VIEW)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com