Electronic Components Datasheet Search
  English  ▼

X  

XC9213 Datasheet(PDF) 20 Page - Torex Semiconductor

Part # XC9213
Description  Synchronous Step-Down DC/DC Controller IC - Input Voltage : 25V
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC9213 Datasheet(HTML) 20 Page - Torex Semiconductor

Back Button XC9213 Datasheet HTML 16Page - Torex Semiconductor XC9213 Datasheet HTML 17Page - Torex Semiconductor XC9213 Datasheet HTML 18Page - Torex Semiconductor XC9213 Datasheet HTML 19Page - Torex Semiconductor XC9213 Datasheet HTML 20Page - Torex Semiconductor XC9213 Datasheet HTML 21Page - Torex Semiconductor XC9213 Datasheet HTML 22Page - Torex Semiconductor XC9213 Datasheet HTML 23Page - Torex Semiconductor XC9213 Datasheet HTML 24Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 34 page
background image
20/34
XC9213 Series
■TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
(2) Output Voltage vs. Output Current <MODE: Low>
VOUT vs. IOUT
1.5
1.6
1.7
1.8
1.9
2.0
10
100
1000
10000
Output Current IOUT (mA)
VIN:5V, 8V, 15V, 20V
FET:IRF7313
VOUT vs. IOUT
1.5
1.6
1.7
1.8
1.9
2.0
10
100
1000
10000
Output Current IOUT (mA)
VIN:5V, 8V, 15V, 20V
FET:SUD30N03
VOUT vs. IOUT
3.0
3.1
3.2
3.3
3.4
3.5
10
100
1000
10000
Output Current IOUT (mA)
VIN:5V, 8V, 15V, 20V
FET:IRF7313
VOUT vs. IOUT
3.0
3.1
3.2
3.3
3.4
3.5
10
100
1000
10000
Output Current IOUT (mA)
VIN:5V, 8V, 15V, 20V
FET:SUD30N03
VOUT vs. IOUT
4.7
4.8
4.9
5.0
5.1
5.2
10
100
1000
10000
Output Current IOUT (mA)
VIN:8V, 15V, 20V
FET:IRF7313
VOUT vs. IOUT
4.7
4.8
4.9
5.0
5.1
5.2
10
100
1000
10000
Output Current IOUT (mA)
VIN:8V, 15V, 20V
FET:SUD30N03



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com