Electronic Components Datasheet Search
  English  ▼

X  

TSU6721 Datasheet(PDF) 21 Page - Texas Instruments

Part # TSU6721
Description  MCPC Compatible USB Port Multimedia Switch Supports USB, UART, Audio, ID, MIC, and Load Switch
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TSU6721 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TSU6721 Datasheet HTML 17Page - Texas Instruments TSU6721 Datasheet HTML 18Page - Texas Instruments TSU6721 Datasheet HTML 19Page - Texas Instruments TSU6721 Datasheet HTML 20Page - Texas Instruments TSU6721 Datasheet HTML 21Page - Texas Instruments TSU6721 Datasheet HTML 22Page - Texas Instruments TSU6721 Datasheet HTML 23Page - Texas Instruments TSU6721 Datasheet HTML 24Page - Texas Instruments TSU6721 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 45 page
background image
SCL
SDA ST 0
1
0
0
1
0
1
0
A
1
0
0
0
0
0
1
1
A SP
0
1
0
0
1
0
1
1
A D7 D6 D5 D4 D3 D2 D1 D0
Start
Slave Address
W/R
ACKFromSlave
Sub Address
ACK
From
Slave
Auto-Inc.
Slave Address
W/R
ACKFromSlave
Stop
DateByte
A
A
ACKFromMaster
D7 D6 D5 D4 D3 D2 D1 D0
DateByte
NA
D7 D6 D5 D4 D3 D2 D1 D0
DateByte
DatafromInterrupt1Reg.
DatafromInterrupt2Reg.
Datafrom Int Mask1Reg.
ACKFromMaster
No
(MessageEnds)
ACKFromMaster
Continued
SP
Stop
ST
Start
Register Address
(Interrupt1Reg)
continued
SDA ST 0
1
0
0
1
0
1
0
A
0
0
0
0
0
0
1
1
A SP
0
1
0
0
1
0
1
1
A D7 D6 D5 D4 D3 D2 D1 D0
Start
Slave Address
W/R
ACKFromSlave
Sub Address
ACK
From
Slave
Auto-Inc.
Slave Address
W/R
ACKFromSlave
Stop
DateByte
A
A
ACKFromMaster
D7 D6 D5 D4 D3 D2 D1 D0
DateByte
NA
D7 D6 D5 D4 D3 D2 D1 D0
DateByte
DatafromInterrupt1Reg.
ACKFromMaster
No ACKFromMaster(MessageEnds)
Continued
SP
Stop
ST
Start
Register Address
(Interrupt1Reg)
DatafromInterrupt1Reg.
DatafromInterrupt1Reg.
continued
SCL
SDA
ST 0
1
0
0
1
0
1
0
A
1
0
0
0
0
0
1
1
A RS 0
1
0
0
1
0
1
1
A D7 D6 D5 D4 D3 D2 D1 D0
Start
Slave Address
W/R
ACKFromSlave
Sub Address
ACK
From
Slave
Auto-Inc.
Slave Address
W/R
ACKFromSlave
Re-Start
DateByte
A
A
ACKFromMaster
D7 D6 D5 D4 D3 D2 D1 D0
DateByte
NA
D7 D6 D5 D4 D3 D2 D1 D0
DateByte
DatafromInterrupt1Reg.
DatafromInterrupt2Reg.
Datafrom Int Mask1Reg.
ACKFromMaster
No ACKFromMaster(MessageEnds)
SP
Stop
Register Address
(Interrupt1Reg)
continued
TSU6721YFF
www.ti.com
SCDS345 – JUNE 2013
Figure 13. Burst Data Read from Multiple Registers – Combined Mode
Figure 14. Repeated Data Read from a Single Register – Split Mode
Figure 15. Burst Data Read from Multiple Registers – Split Mode
Notes (Applicable to Figure 10 – Figure 15):
•
SDA is pulled low on Ack. from slave or Ack. from master.
•
Register writes always require sub-address write before first data byte.
•
Repeated data writes to a single register continue indefinitely until Stop or Re-Start.
•
Repeated data reads from a single register continue indefinitely until No Ack. from master.
•
Burst data writes start at the specified register address, then advance to the next register address, even to
the read-only registers. For these registers, data write appears to occur, though no data are changed by the
writes. After register 14h is written, writing resumes to register 01h and continues until Stop or Re-Start.
•
Burst data reads start at the specified register address, then advance to the next register address. Once
register 14h is read, reading resumes from register 01h and continues until No Ack. from master.
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links :TSU6721YFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com