Electronic Components Datasheet Search
  English  ▼

X  

TSU6721 Datasheet(PDF) 39 Page - Texas Instruments

Part # TSU6721
Description  MCPC Compatible USB Port Multimedia Switch Supports USB, UART, Audio, ID, MIC, and Load Switch
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TSU6721 Datasheet(HTML) 39 Page - Texas Instruments

Back Button TSU6721 Datasheet HTML 35Page - Texas Instruments TSU6721 Datasheet HTML 36Page - Texas Instruments TSU6721 Datasheet HTML 37Page - Texas Instruments TSU6721 Datasheet HTML 38Page - Texas Instruments TSU6721 Datasheet HTML 39Page - Texas Instruments TSU6721 Datasheet HTML 40Page - Texas Instruments TSU6721 Datasheet HTML 41Page - Texas Instruments TSU6721 Datasheet HTML 42Page - Texas Instruments TSU6721 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 45 page
background image
www.ti.com
PACKAGE OUTLINE
0.5 MAX
0.19
0.13
1.6
TYP
0.4 TYP
0.4 TYP
25X
0.25
0.21
0.30
0.25
1.6 TYP
E
D
4225306/A 09/2019
DSBGA - 0.5 mm max height
YFP0025
DIE SIZE BALL GRID ARRAY
NOTES:
1. All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2. This drawing is subject to change without notice.
BALL A1
CORNER
SEATING PLANE
0.05 C
A
1
2
0.015
C A B
SYMM
SYMM
B
C
D
3
4
5
E
SCALE 8.000
A
B
C
D: Max =
E: Max =
2.096 mm, Min =
2.096 mm, Min =
2.036 mm
2.036 mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com