Electronic Components Datasheet Search
  English  ▼

X  

TSU6721 Datasheet(PDF) 13 Page - Texas Instruments

Part # TSU6721
Description  MCPC Compatible USB Port Multimedia Switch Supports USB, UART, Audio, ID, MIC, and Load Switch
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TSU6721 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TSU6721 Datasheet HTML 9Page - Texas Instruments TSU6721 Datasheet HTML 10Page - Texas Instruments TSU6721 Datasheet HTML 11Page - Texas Instruments TSU6721 Datasheet HTML 12Page - Texas Instruments TSU6721 Datasheet HTML 13Page - Texas Instruments TSU6721 Datasheet HTML 14Page - Texas Instruments TSU6721 Datasheet HTML 15Page - Texas Instruments TSU6721 Datasheet HTML 16Page - Texas Instruments TSU6721 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 45 page
background image
TSU6721YFF
www.ti.com
SCDS345 – JUNE 2013
Table 2. Accessory ID and Switch States
SWITCH STATE
STATUS OUTPUT
Res
ADC
ACCESSORY
ID
DP/DM
VBUS
ID
(%)
Value
ISET
JIG
BOOT
USB
UART
Audio
MIC
ID_HT
OTG
0
–
00000
ON
OFF
OFF
OFF
ON
OFF
OFF
OFF
Video
75
5%
00000
OFF
OFF
ON
OFF
OFF
OFF
OFF
OFF
MHL
1K
5%
00000
OFF
OFF
OFF
OFF
OFF
OFF
OFF
OFF
Send_End Button
2K
10%
00001
OFF
OFF
ON
ON
OFF
OFF
OFF
OFF
Stereo Headset RC S1
2.604K
5%
00010
OFF
OFF
ON
ON
OFF
OFF
OFF
OFF
Button
Stereo Headset RC S2
3.208K
5%
00011
OFF
OFF
ON
ON
OFF
OFF
OFF
OFF
Button
Stereo Headset RC S3
4.014K
5%
00100
OFF
OFF
ON
ON
OFF
OFF
OFF
OFF
Button
Stereo Headset RC S4
4.82K
5%
00101
OFF
OFF
ON
ON
OFF
OFF
OFF
OFF
Button
Stereo Headset RC S5
6.03K
5%
00110
OFF
OFF
ON
ON
OFF
OFF
OFF
OFF
Button
Stereo Headset RC S6
8.03K
5%
00111
OFF
OFF
ON
ON
OFF
OFF
OFF
OFF
Button
Stereo Headset RC S7
10.03K
5%
01000
OFF
OFF
ON
ON
OFF
OFF
OFF
OFF
Button
Stereo Headset RC S8
12.03K
5%
01001
OFF
OFF
ON
ON
OFF
OFF
OFF
OFF
Button
Stereo Headset RC S9
14.46K
5%
01010
OFF
OFF
ON
ON
OFF
OFF
OFF
OFF
Button
Stereo Headset RC S10
17.26K
5%
01011
OFF
OFF
ON
ON
OFF
OFF
OFF
OFF
Button
Stereo Headset RC S11
20.5K
5%
01100
OFF
OFF
ON
ON
OFF
OFF
OFF
OFF
Button
Stereo Headset RC S12
24.07K
5%
01101
OFF
OFF
ON
ON
OFF
OFF
OFF
OFF
Button
Audio Device Type 3
28.7K
5%
01110
OFF
OFF
ON
OFF
OFF
OFF
OFF
OFF
Reserved Accessory #1
34K
5%
01111
OFF
OFF
ON
ON
OFF
OFF
OFF
OFF
Reserved Accessory #2
40.2K
5%
10000
OFF
OFF
ON
ON
OFF
OFF
OFF
OFF
Reserved Accessory #3
49.9K
5%
10001
OFF
OFF
ON
ON
OFF
OFF
OFF
OFF
Reserved Accessory #4
64.9K
5%
10010
OFF
OFF
ON
ON
OFF
OFF
OFF
OFF
Audio Device Type 2
80.27K
5%
10011
OFF
OFF
ON
OFF
OFF
OFF
OFF
OFF
Phone Powered Device
102K
5%
10100
OFF
ON
OFF
OFF
OFF
OFF
OFF
OFF
TTY Converter
121K
5%
10101
OFF
OFF
ON
ON
OFF
OFF
OFF
OFF
UART Cable
150K
5%
10110
OFF
ON
OFF
OFF
OFF
OFF
OFF
OFF
Type 1 Charger
200K
5%
10111
ON
OFF
OFF
OFF
OFF
ON
OFF
OFF
Factory Mode - Boot Off USB
255K
5%
11000
ON
OFF
OFF
OFF
OFF
OFF
ON
OFF
Factory Mode - Boot On USB
301K
5%
11001
ON
OFF
OFF
OFF
OFF
OFF
ON
ON
Audio/Video Cable
365K
5%
11010
OFF
OFF
ON
OFF
OFF
OFF
OFF
OFF
A/V + VBUS
365K
5%
11010
OFF
OFF
ON
OFF
OFF
OFF
OFF
OFF
Type 2 Charger
442K
5%
11011
ON
OFF
OFF
OFF
OFF
ON
OFF
OFF
Factory Mode - Boot Off
523K
5%
11100
OFF
ON
OFF
OFF
OFF
OFF
ON
OFF
UART
Factory Mode - Boot On
619K
5%
11101
OFF
ON
OFF
OFF
OFF
OFF
ON
ON
UART
Sterero Audio Device Type 1
1000.07K
10%
11110
OFF
OFF
ON
ON
OFF
OFF
OFF
OFF
Mono Audio Device Type 1
1002K
10%
11110
OFF
OFF
ON
ON
OFF
OFF
OFF
OFF
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links :TSU6721YFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com