Electronic Components Datasheet Search
  English  ▼

X  

TSU6721 Datasheet(PDF) 11 Page - Texas Instruments

Part # TSU6721
Description  MCPC Compatible USB Port Multimedia Switch Supports USB, UART, Audio, ID, MIC, and Load Switch
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TSU6721 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TSU6721 Datasheet HTML 7Page - Texas Instruments TSU6721 Datasheet HTML 8Page - Texas Instruments TSU6721 Datasheet HTML 9Page - Texas Instruments TSU6721 Datasheet HTML 10Page - Texas Instruments TSU6721 Datasheet HTML 11Page - Texas Instruments TSU6721 Datasheet HTML 12Page - Texas Instruments TSU6721 Datasheet HTML 13Page - Texas Instruments TSU6721 Datasheet HTML 14Page - Texas Instruments TSU6721 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 45 page
background image
TSU6721YFF
www.ti.com
SCDS345 – JUNE 2013
GENERAL OPERATION
The TSU6721 is a multimedia switch that connects a common USB connector to USB, UART or audio signals.
The device also has a MIC switch that connects to either VBUS or DP. It has an integrated load switch to support
charging. The load switch has OverVoltage Protection as well as OverCurrent Limiting Protection. In addition, the
TSU6721 also has an ID bypass switch to transmit ID signal from the connector to the host. It has an internal
FET switch that disconnects the coupling capacitor connected to the VBUS line.
Standby Mode
Standby mode is the default mode upon power up and occurs when no accessory has been detected. During this
mode, the VBUS and ID lines are continually monitored through comparators to determine when an accessory is
inserted. Power consumption is minimal during standby mode.
Load Switch
The integrated load switch provides both overvoltage/undervoltage and overcurrent limiting protection:
Overvoltage Protection
When the input voltage rises above VOVP, the internal load switch is turned off. The response is very rapid, with
the FET turning off in less than 1µs tOFF(OVP). The OVP_EN interrupt bit is set high when an overvoltage
condition is detected. When the input voltage returns below VOVP-VHYS_OVP and remains above VUVLO, the
VBUS switch is turned on again after a deglitch time of tON(OVP). This deglitch time ensures that the input
supply has stabilized before turning the switch on. When the OVP condition is cleared, the OVP_OCP_DIS
interrupt bit is set high.
Undervoltage Protection
When VBUS is not present and VBAT is less than 2.5V, VBAT and VBUS voltages are below the undervoltage
threshold and TSU6721 is powered off.
Overcurrent Limiting Protection
The TSU6721 also provides overcurrent limiting protection. When current increases beyond the IOCP threshold, a
time-out delay is initiated. After the delay has expired, and the current is still greater than IOCP, then load switch is
disabled. The maximum current that flows through the load switch is controlled by the IOCL limit. This feature
provides control on the VBUS charging current and minimizes the chance of internal circuitry damage caused by
overcurrent event. The overcurrent level can be programmed through I2C.
Power Supervisor
TSU6721 uses VBAT as the primary supply voltage. VBUS is the secondary supply. VDDIO is used for I2C
communication.
Table 1. Supply Voltage States
VBAT
VBUS
VDDIO
DETECTION
LOAD SWITCH
I2C
COMMENTS
Yes
No
No
Enabled
Not Enabled
Not Enabled
VBAT is supply
Yes
Yes
No
Enabled
Enabled
Not enabled
VBAT is supply. LOAD SWITCH controlled by
VBUS
Yes
No
Yes
Enabled
Not Enabled
Enabled
VBAT is supply
Yes
Yes
Yes
Enabled
Enabled
Enabled
VBAT is supply. LOAD SWITCH controlled by
VBUS
No
Yes
No
Enabled
Enabled
Not Enabled
VBUS is supply. LOAD SWITCH controlled by
VBUS
No
Yes
Yes
Not valid
No
No
Yes
Not valid
No
No
No
Power Down Reset
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links :TSU6721YFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com