Electronic Components Datasheet Search
  English  ▼

X  

TSU6721 Datasheet(PDF) 34 Page - Texas Instruments

Part # TSU6721
Description  MCPC Compatible USB Port Multimedia Switch Supports USB, UART, Audio, ID, MIC, and Load Switch
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TSU6721 Datasheet(HTML) 34 Page - Texas Instruments

Back Button TSU6721 Datasheet HTML 30Page - Texas Instruments TSU6721 Datasheet HTML 31Page - Texas Instruments TSU6721 Datasheet HTML 32Page - Texas Instruments TSU6721 Datasheet HTML 33Page - Texas Instruments TSU6721 Datasheet HTML 34Page - Texas Instruments TSU6721 Datasheet HTML 35Page - Texas Instruments TSU6721 Datasheet HTML 36Page - Texas Instruments TSU6721 Datasheet HTML 37Page - Texas Instruments TSU6721 Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 45 page
background image
TSU6721YFF
SCDS345 – JUNE 2013
www.ti.com
CRITICAL COMPONENTS
PIN NAME
PIN NUMBER
CRITICAL COMPONENT
VBUS
A5, B5
2.2
Ω
D3
1 µF~10 µF
VDDIO
0.1 µF
1 µF~10 µF
VBAT
C3
Battery
0.1 µF
JIG
E3
1 k
Ω~10 kΩ
2.2 k
Ω
MIC
B3
10 µF
ISET
A2
Resistor determined by Battery Charger
S_R
D4
220 µF(1)
S_L
C4
220 µF(1)
OUT
A4, B4
10 µF
SCL
A1
1 k
Ω~10 kΩ
SDA
B1
1 k
Ω~10 kΩ
2.2
Ω
DM
C5
ESD Protection Diode
2.2
Ω
DP
D5
ESD Protection Diode
2.2
Ω(1)
ID
E5
ESD Protection Diode
(1)
Optional Components
SCHEMATIC GUIDELINES
1. VBUS, VDDIO, and VBAT require decoupling capacitors to reduce noise from circuit elements. The
capacitors act as a shunt to block off the noise. The 0.1µF capacitor smoothes out high frequencies and has
a lower series inductance. The 1µF~10µF and 1µF capacitors smooth out the lower frequencies and have a
much higher series inductance. Placing both decoupling capacitors will provide better load regulation across
the frequency spectrum.
2. OUT requires a 10µF load capacitor to prevent sudden increases of voltage on the pin during charging
3. JIG is an open-drain output and therefore requires a 1k
Ω ~ 10kΩ pull-up resistor to VBAT
4. ISET is an open drain output. It can be used by the battery charger to set the input current limit with a series
resistor (for example 75
Ω determined by the charger)
5. SCL and SDA require 1k
Ω ~ 10kΩ pull-up resistors to VDDIO to prevent floating inputs
6. Depending on the codec used, S_R and S_L may require DC blocking capacitors as high as 220µF. The
capacitor might not be needed if the codec has the capability to provide ground centered signals.
7. Mic requires a 2.2k
Ω pull-up resistor to MIC_BIAS to provide DC bias for the microphone. Additionally the
10µF capacitor is required to block the DC signals from MIC_BIAS to the Audio Codec
8. VBUS, DM and DP are recommended to have an external resistor 2.2
Ω to provide extra ballasting to protect
the chip and internal circuitry
(a) For ID, if there is less stress on the ID pin then the external 2.2
Ω resistor is optional
34
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links :TSU6721YFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com