Electronic Components Datasheet Search
  English  ▼

X  

TSU6721 Datasheet(PDF) 7 Page - Texas Instruments

Part # TSU6721
Description  MCPC Compatible USB Port Multimedia Switch Supports USB, UART, Audio, ID, MIC, and Load Switch
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TSU6721 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TSU6721 Datasheet HTML 3Page - Texas Instruments TSU6721 Datasheet HTML 4Page - Texas Instruments TSU6721 Datasheet HTML 5Page - Texas Instruments TSU6721 Datasheet HTML 6Page - Texas Instruments TSU6721 Datasheet HTML 7Page - Texas Instruments TSU6721 Datasheet HTML 8Page - Texas Instruments TSU6721 Datasheet HTML 9Page - Texas Instruments TSU6721 Datasheet HTML 10Page - Texas Instruments TSU6721 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 45 page
background image
TSU6721YFF
www.ti.com
SCDS345 – JUNE 2013
VOLTAGE PROTECTION
TA = –40°C to 85°C, Typical values are at TA = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VVBUS_UVLO
VBUS under voltage+
Voltage is Rising, device power-up
3.0
3.25
3.6
V
VBUS under voltage–
Voltage is Falling, device reset
2.7
3
3.3
VVBUS_VALID
VBUS interrupt threshold
Voltage is Rising
3.6
V
VVBAT_UVLO
VBAT under voltage+
Voltage is Rising, device power-up
2.5
2.8
3.1
V
VBAT under voltage–
Voltage is Falling, device reset
2.3
2.6
2.9
LOAD SWITCH CHARACTERISTICS
TA = –40°C to 85°C, Typical values are at TA = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
RDS-
VBUS switch resistance
VBUS = 5 V, IOUT = 100 mA
90
150
m
Ω
VBUSSWITCH
tONa
Turn-ON time automatic mode
RL = 36
Ω, CL = 400 pF, Vbus rising > 3.6V
175
ms
tOFFa
Turn-OFF time automatic mode
RL = 36
Ω, CL = 400 pF, Vbus falling < 3.6V
2.5
ms
RL = 36
Ω, CL = 400 pF, From receipt of I2C ACK
tONm
Turn-ON time manual mode
230
µs
bit
RL = 36
Ω, CL = 400 pF, From receipt of I2C ACK
tOFFm
Turn-OFF time manual mode
180
µs
bit
I2C reg0x22h, Bit [2:0] = 000
0.8
1.0
1.2
I2C reg0x22h, Bit [2:0] = 001 (default)
1.3
1.5
1.7
Programmable overcurrent
IOCP
VBUS = 5.5V
A
protection
I2C reg0x22h, Bit [2:0] = 010
2.0
I2C reg0x22h, Bit [2:0] = 011
2.0
I2C reg0x21h, Bit [7:5] = 000
1.25
1.5
1.75
I2C reg0x21h, Bit [7:5] = 001 (default)
1.67
2.0
2.33
IOCL
Programmable overcurrent limiter
VBUS = 5.5V
A
I2C reg0x21h, Bit [7:5] = 010
2.5
I2C reg0x21h, Bit [7:5] = 011
2.5
VBUS OVERVOLTAGE PROTECTION (OVP)
VBUS
Input overvoltage protection
VBUS increasing from 6 V to 8 V
6.8
7
7.2
V
threshold
VOVP
VBUS
OVP delay
Delay from VBUS > VOVP to Load switch OFF
200
µs
tOFF(OVP)
VBUS
Hysteresis on OVP
VBUS decreasing from 8 V to 6 V
140
mV
VHYS-OVP
VBUS
Recovery time from input
Delay from VBUS < VOVP-VHYS, to Load switch ON
9
ms
overvoltage condition
tON(OVP)
OTP
OTP Rising Turn Off
Temperature rising until load switch shut off
130
°C
rOTP
OTP
Temperature falling after OTP shutoff until switch
OTP Falling Turn On
120
°C
turn on
fOTP
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links :TSU6721YFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com