Electronic Components Datasheet Search
  English  ▼

X  

TSU6721 Datasheet(PDF) 28 Page - Texas Instruments

Part # TSU6721
Description  MCPC Compatible USB Port Multimedia Switch Supports USB, UART, Audio, ID, MIC, and Load Switch
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TSU6721 Datasheet(HTML) 28 Page - Texas Instruments

Back Button TSU6721 Datasheet HTML 24Page - Texas Instruments TSU6721 Datasheet HTML 25Page - Texas Instruments TSU6721 Datasheet HTML 26Page - Texas Instruments TSU6721 Datasheet HTML 27Page - Texas Instruments TSU6721 Datasheet HTML 28Page - Texas Instruments TSU6721 Datasheet HTML 29Page - Texas Instruments TSU6721 Datasheet HTML 30Page - Texas Instruments TSU6721 Datasheet HTML 31Page - Texas Instruments TSU6721 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 45 page
background image
TSU6721YFF
SCDS345 – JUNE 2013
www.ti.com
Button 1
Address: 0Ch
Reset Value: 00000000
Type: Read and Clear
BIT NO.
NAME
SIZE (BITS) DESCRIPTION
0
Send_End
1
Send_End key is pressed
1
1
1
Number 1 key is pressed
2
2
1
Number 2 key is pressed
3
3
1
Number 3 key is pressed
4
4
1
Number 4 key is pressed
5
5
1
Number 5 key is pressed
6
6
1
Number 6 key is pressed
7
7
1
Number 7 key is pressed
Button 2
Address: 0Dh
Reset Value: x0000000
Type: Read and Clear
BIT NO.
NAME
SIZE (BITS) DESCRIPTION
0
8
1
Number 8 key is pressed
1
9
1
Number 9 key is pressed
2
10
1
Number 10 key is pressed
3
11
1
Number 11 key is pressed
4
12
1
Number 12 key is pressed
5
Error
1
Error key is pressed
6
Unknown
1
Unknown key is pressed
7
Unused
1
28
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links :TSU6721YFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com