Electronic Components Datasheet Search
  English  ▼

X  

TSU6721 Datasheet(PDF) 6 Page - Texas Instruments

Part # TSU6721
Description  MCPC Compatible USB Port Multimedia Switch Supports USB, UART, Audio, ID, MIC, and Load Switch
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TSU6721 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TSU6721 Datasheet HTML 2Page - Texas Instruments TSU6721 Datasheet HTML 3Page - Texas Instruments TSU6721 Datasheet HTML 4Page - Texas Instruments TSU6721 Datasheet HTML 5Page - Texas Instruments TSU6721 Datasheet HTML 6Page - Texas Instruments TSU6721 Datasheet HTML 7Page - Texas Instruments TSU6721 Datasheet HTML 8Page - Texas Instruments TSU6721 Datasheet HTML 9Page - Texas Instruments TSU6721 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 45 page
background image
TSU6721YFF
SCDS345 – JUNE 2013
www.ti.com
RECOMMENDED OPERATING CONDITIONS
over operating free-air temperature range (unless otherwise noted)
PARAMETER
DESCRIPTION
MIN
MAX
UNITS
VBUS
VBUS voltage
4.0
6.5
V
VBAT
VBAT voltage
3.0
4.4
V
VDDIO
VDDIO voltage
1.65
3.6
V
ID_Cap
ID capacitance
3
nF
USB_I/O
USB path signal range
0
3.6
V
UART_I/O
UART path signal range
0
2.7
V
Audio_I/O
Audio path signal range
–1.5
1.5
V
MIC_I/O
MIC path signal range
0
2.3
V
Temperature
Operating Temperature
–40
85
°C
ELECTRICAL SPECIFICATIONS
DIGITAL SIGNALS – I
2C INTERFACE (SCL and SDA)
TA = –40°C to 85°C, Typical values are at TA = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
VDDIO
Logic and I/O supply voltage
1.65
3.6
V
VIH
High-level input voltage
VDDIO × 0.7
VDDIO
V
VIL
Low-level input voltage
0
VDDIO × 0.3
V
VOH
SDA High-level output voltage
IOH = –3 mA
VDDIO × 0.7
V
VOL
SDA Low-level output voltage
IOL = 3 mA
0
0.4
V
fSCL
SCL frequency
400
kHz
JIG AND ISET FAST-MODE CHARGER OUTPUT (OPEN-DRAIN OUTPUT)
TA = –40°C to 85°C, Typical values are at TA = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
VOL_JIG
Low-level output voltage
IOL = 10 mA, VBAT = 3.0 V
0
0.5
V
VOL_ISET
Low-level output voltage
IOL = 10 mA, VBAT = 3.0 V
0
0.7
V
INTB AND BOOT (PUSH-PULL OUTPUT)
TA = –40°C to 85°C, Typical values are at TA = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
VOH
High-level output voltage
IOH = –4 mA , VDDIO = 1.65 V
1.16
VDDIO
V
VOL
Low-level output voltage
IOL = 4 mA , VDDIO = 1.65 V
0
0.33
V
TOTAL SWITCH CURRENT CONSUMPTION
TA = –40°C to 85°C, Typical values are at TA = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IBAT(Standby)
VBAT Standby Current Consumption
VBUS = 0 V, Idle state
36
50
µA
IBAT(Operating)
VBAT Operating Current Consumption
VBUS = 0 V, USB switches ON
60
80
µA
IVBUS
VBUS Operating Current Consumption
No load on OUT pin, VBUS = 5 V
135
155
µA
VBUS CAP SWITCH CHARACTERISTICS
TA = –40°C to 85°C, Typical values are at TA = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
RDS-VBUSCAP
VBUS CAP switch resistance
VBUS = 5 V, IOUT = –20 mA
90
Ω
6
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links :TSU6721YFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com