Electronic Components Datasheet Search
  English  ▼

X  

TSU6721 Datasheet(PDF) 8 Page - Texas Instruments

Part # TSU6721
Description  MCPC Compatible USB Port Multimedia Switch Supports USB, UART, Audio, ID, MIC, and Load Switch
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TSU6721 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TSU6721 Datasheet HTML 4Page - Texas Instruments TSU6721 Datasheet HTML 5Page - Texas Instruments TSU6721 Datasheet HTML 6Page - Texas Instruments TSU6721 Datasheet HTML 7Page - Texas Instruments TSU6721 Datasheet HTML 8Page - Texas Instruments TSU6721 Datasheet HTML 9Page - Texas Instruments TSU6721 Datasheet HTML 10Page - Texas Instruments TSU6721 Datasheet HTML 11Page - Texas Instruments TSU6721 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 45 page
background image
TSU6721YFF
SCDS345 – JUNE 2013
www.ti.com
AUDIO SWITCH ELECTRICAL CHARACTERISTICS
(1) (2)
VBAT = 3.0 V to 4.4 V, VDDIO = 2.8 V, TA = –40°C to 85°C, Typical values are at TA = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ANALOG SWITCH
VAUDIO
Analog signal range
–1.5
3
V
rON
ON-state resistance
S_L or
VI = ±0.8 V, IO = –20 mA, VBAT = 3.0 V
2.5
5
Ω
S_R , DM or
ΔrON
ON-state resistance match
VI = 0.8 V, II = –20 mA, VBAT = 3.0 V
0.15
0.5
Ω
DP
between channels
rON(flat)
ON-state resistance
VI = ±0.8 V, IO = –20 mA, VBAT = 3.0 V
0.15
0.5
Ω
flatness
(VI = -0.8 V, VO = 0.8 V) or (VI = 0.8 V,
IIO(OFF)
VI or VO OFF leakage current
200
500
nA
VO = –0.8 V), VBAT = 4.4 V, Switch OFF
IIO(ON)
VO ON leakage current
VI = OPEN, VO = –0.8 V or 0.8 V, VBAT = 4.4 V,
10
300
nA
Switch ON
DYNAMIC
tON
Turn-ON time
From
200
µs
receipt of
VI or VO = VBAT, RL = 100 Ω, CL = 35 pF
tOFF
Turn-OFF time
100
I2C ACK bit
CI(OFF)
VI OFF capacitance
5.5
pF
DC bias = 0 V or 1.6 V f = 10 MHz, Switch OFF
CO(OFF)
VO OFF capacitance
10
pF
CI(ON), CO(ON) VI, VO ON capacitance
DC bias = 0 V or 1.6 V f = 10 MHz, Switch ON
13
pF
BW
Bandwidth
RL = 50 Ω, Switch ON
450
MHz
OISO
OFF Isolation
f = 20 kHz, RL = 50 Ω, Switch OFF
–100
dB
XTALK
Crosstalk
f = 20 kHz, RL = 50 Ω
–85
dB
THD
Total harmonic distortion
RL = 16 Ω, CL = 20 pF, f = 20 Hz–20 kHz ,
0.05
%
1.6 Vpp output
RL = 16 Ω, CL = 20 pF, f = 20 Hz–20 kHz ,
0.1
%
3 Vpp output
(1)
VI is equal to the asserted voltage on S_R and S_L pins. VO is equal to the asserted voltage on DP and DM pins. II is equal to the
current on the S_R and S_L pins. IO is equal to the current on the DP and DMpins
(2)
Audio Switch is intended for signals to be asserted on S_R/S_L pins and pass to DM/DP
8
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links :TSU6721YFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com