Electronic Components Datasheet Search
  English  ▼

X  

TSU6721 Datasheet(PDF) 4 Page - Texas Instruments

Part # TSU6721
Description  MCPC Compatible USB Port Multimedia Switch Supports USB, UART, Audio, ID, MIC, and Load Switch
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TSU6721 Datasheet(HTML) 4 Page - Texas Instruments

  TSU6721 Datasheet HTML 1Page - Texas Instruments TSU6721 Datasheet HTML 2Page - Texas Instruments TSU6721 Datasheet HTML 3Page - Texas Instruments TSU6721 Datasheet HTML 4Page - Texas Instruments TSU6721 Datasheet HTML 5Page - Texas Instruments TSU6721 Datasheet HTML 6Page - Texas Instruments TSU6721 Datasheet HTML 7Page - Texas Instruments TSU6721 Datasheet HTML 8Page - Texas Instruments TSU6721 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 45 page
background image
INTB
VDDIO
ISET
OUT
VBUS
DP_
HT
SDA
S_L
MIC
DM
DM_
HT
SCL
NC
S_R
DP
VBAT
IDBP
GND
GND
ID
RxD
TxD
BOOT
JIG
GND
A
B
C
D
E
1
2
3
4
5
VBUS
OUT
ISET
VDDIO
INTB
DM
MIC
S_L
SDA
DP_
HT
DP
S_R
NC
SCL
DM_
HT
ID
GND
GND
IDBP
VBAT
GND
JIG
BOOT
TxD
RxD
A
B
C
D
E
5
4
3
2
1
TSU6721YFF
SCDS345 – JUNE 2013
www.ti.com
PIN OUT
TOP VIEW
BOTTOM VIEW
PIN FUNCTIONS
BALL NO.
PIN NAME
TYPE
DESCRIPTION
D1
VBAT
–
3.0 – 4.4V Battery supply voltage
A2
VDDIO
–
1.8 ~ 3.3V Logic Supply
A5
VBUS
I
USB connector VBUS
A4
OUT
O
Phone charger output
E5, D3, D4
GND
–
Ground
B1
DP_HT
I/O
USB data plus
C1
DM_HT
I/O
USB data minus
D2
IDBP
I/O
USB ID data
E1
RxD
I/O
UART receive data
E2
TxD
I/O
UART transmit data
C3
NC
–
Not connected internally
B4
MIC
I/O
Microphone signal
C4
S_R
I/O
Stereo headset right sound
B3
S_L
I/O
Mono or stereo headset left sound
C2
SCL
I
I2C clock
B2
SDA
I/O
I2C data
C5
DP
I/O
Common USB connector plus I/O port
B5
DM
I/O
Common USB connector minus I/O port
D5
ID
I/O
Common USB connector ID I/O port
A1
INTB
O
Interrupt signal when peripheral is plugged/unplugged. Push-pull output
A3
ISET
O
High current charger detected. Open-drain output
E4
JIG
O
GPIO factory output. Open-drain output
E3
BOOT
O
GPIO factory output. Push-pull output
4
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links :TSU6721YFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com