Electronic Components Datasheet Search
  English  ▼

X  

LM8323 Datasheet(PDF) 21 Page - Texas Instruments

Part # LM8323
Description  LM8323 Mobile I/O Companion Supporting Keyscan, I/O Expansion, PWM, and ACCESS.bus Host Interface
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM8323 Datasheet(HTML) 21 Page - Texas Instruments

Back Button LM8323 Datasheet HTML 17Page - Texas Instruments LM8323 Datasheet HTML 18Page - Texas Instruments LM8323 Datasheet HTML 19Page - Texas Instruments LM8323 Datasheet HTML 20Page - Texas Instruments LM8323 Datasheet HTML 21Page - Texas Instruments LM8323 Datasheet HTML 22Page - Texas Instruments LM8323 Datasheet HTML 23Page - Texas Instruments LM8323 Datasheet HTML 24Page - Texas Instruments LM8323 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 46 page
background image
LM8323
www.ti.com
SNLS273A – JULY 2010 – REVISED MARCH 2013
NOTE
The PWM_STOP command might not take immediate effect if the current command being
executed is a command with long execution time. If a PWM_STOP command is sent when
the PWM engine is running a long RAMP command, the PWM will only stop after the
RAMP is completed.
The script commands have their own fixed-length 16-bit format and encoding unrelated to the variable-length,
byte-based format used for host commands. A script command is sent by the host to the LM8323 as a parameter
to the PWM_WRITE command. Another parameter to the PWM_WRITE command specifies an address in the
script command file for receiving the command.
COMMAND QUEUE
After the host issues a PWM_START command, script commands are read from the script command file into a
command queue which consists of a command file output register, command buffer, and active command
register. This allows one command to be active while another command is queued in the command buffer, which
allows seamless back-to-back command execution.
A command loaded into the command file output register is synchronized to the 32.768 kHz clock and stored in
the command buffer. If no command is currently active, the command passes through to the active command
register. In this case, another command can be read from the script command file, which is queued in the
command buffer. On completion of the currently active command, the contents of the command buffer are
transferred to the active command register, and the command buffer may then receive a new command.
The host does not have direct access to any of the registers in the command queue. The operations which read
script commands from the script command file occur automatically after the host issues the PWM_START
command.
Script execution stops when the host sends a PWM_STOP command or when the script engine executes an
END command. Executing an END command asserts IRQ to the host.
PWM TIMER OPERATION
The timers implement a fixed 256-cycle period with a programmable duty cycle and programmable ramp-
up/ramp-down of the duty cycle. Figure 15 shows the architecture of a PWM timer.
Figure 15. PWM Timer
Copyright © 2010–2013, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: LM8323



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com