Electronic Components Datasheet Search
  English  ▼

X  

LM8323 Datasheet(PDF) 4 Page - Texas Instruments

Part # LM8323
Description  LM8323 Mobile I/O Companion Supporting Keyscan, I/O Expansion, PWM, and ACCESS.bus Host Interface
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM8323 Datasheet(HTML) 4 Page - Texas Instruments

  LM8323 Datasheet HTML 1Page - Texas Instruments LM8323 Datasheet HTML 2Page - Texas Instruments LM8323 Datasheet HTML 3Page - Texas Instruments LM8323 Datasheet HTML 4Page - Texas Instruments LM8323 Datasheet HTML 5Page - Texas Instruments LM8323 Datasheet HTML 6Page - Texas Instruments LM8323 Datasheet HTML 7Page - Texas Instruments LM8323 Datasheet HTML 8Page - Texas Instruments LM8323 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 46 page
background image
LM8323
SNLS273A – JULY 2010 – REVISED MARCH 2013
www.ti.com
SIGNAL DESCRIPTIONS (continued)
Pin
Function
I/O
Description
KP-Y8
Output
Keyboard scanning output 8
E3
SLOWCLKOUT
Output
32.768 kHz clock output
GPIO_03
I/O
General-purpose I/O port 3
KP-Y9
Output
Keyboard scanning output 9
D5
MUX2_IN1
Input
Multiplexer 2 input 1
GPIO_02
I/O
General-purpose I/O port 2
KP-Y10
Output
Keyboard scanning output 10
E6
MUX2_IN2
Input
Multiplexer 2 input 2
GPIO_01
I/O
General-purpose I/O port 1
KP-Y11
Output
Keyboard scanning output 11
F6
MUX2_OUT
Output
Multiplexer 2 output
GPIO_00
I/O
General-purpose I/O port 0
E2
ACB_SDA
I/O
ACCESS.bus data signal
E1
ACB_SCL
I/O
ACCESS.bus clock signal
PWM_0
Output
Pulse-width modulated output 0
E4
MUX_IN1
Input
Multiplexer 1 input 1
PWM_1
Output
Pulse-width modulated output 1
F5
MUX_IN2
Input
Multiplexer 1 input 2
PWM_2
Output
Pulse-width modulated output 2
MUX1_OUT
Output
Multiplexer 1 output
E5
CONFIG_2
Input
Slave address select input 2
GPIO_15
I/O
General-purpose I/O port 15
CONFIG_1
Input
Slave address select input 1
D6
GPIO_14
I/O
General-purpose I/O port 14
D1
XTAL_OUT
Output
32.768 kHz crystal output
SLOWCLK
Input
32.768 kHz clock
D2
XTAL_IN
Input
32.768 kHz crystal input
F3
IRQ
Output
Interrupt request output
C1
RESET
Input
Reset Input
A4, F4
VCC
N/A
VCC
C3, C4,
GND
N/A
Ground
D3, D4
4
Submit Documentation Feedback
Copyright © 2010–2013, Texas Instruments Incorporated
Product Folder Links: LM8323



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com