Electronic Components Datasheet Search
  English  ▼

X  

LM8323 Datasheet(PDF) 8 Page - Texas Instruments

Part # LM8323
Description  LM8323 Mobile I/O Companion Supporting Keyscan, I/O Expansion, PWM, and ACCESS.bus Host Interface
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM8323 Datasheet(HTML) 8 Page - Texas Instruments

Back Button LM8323 Datasheet HTML 4Page - Texas Instruments LM8323 Datasheet HTML 5Page - Texas Instruments LM8323 Datasheet HTML 6Page - Texas Instruments LM8323 Datasheet HTML 7Page - Texas Instruments LM8323 Datasheet HTML 8Page - Texas Instruments LM8323 Datasheet HTML 9Page - Texas Instruments LM8323 Datasheet HTML 10Page - Texas Instruments LM8323 Datasheet HTML 11Page - Texas Instruments LM8323 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 46 page
background image
LM8323
SNLS273A – JULY 2010 – REVISED MARCH 2013
www.ti.com
CLOCK CONFIGURATION
Table 1 shows the clock configurations available by loading the clock configuration register with the
WRITE_CLOCK command. The WRITE_CLOCK command must be issued only once during system initialization.
This command is used to override the default settings.
Table 1. Clock Configuration Register
7
6
5
4
3
2
1
0
0
SLOWCLKOUT
0
0
SLOWCLKEN
0
RCPWM
Bit
Value
Description
0
Disable SLOWCLKOUT buffer.
SLOWCLKOUT
1
Enable SLOWCLKOUT buffer.
0
External 32.768 kHz crystal is installed between the XTAL_IN and XTAL_OUT pins.
SLOWCLKEN
1
External 32.768 kHz clock is received on the SLOWCLK pin, or no 32.768 kHz clock is required.
00
On-chip RC clock divided by 64 drives the PWM and clock buffer.
01
Reserved
RCPWM
10
Reserved
11
External 32.768 kHz clock or crystal drives the PWM and clock buffer.
The SLOWCLKOUT signal is an alternate function of the pin used for the KP-Y8 scanning output and the
GPIO_03 port. If the SLOWCLKOUT function is enabled, these other functions of the pin are unavailable.
RESET
The LM8323 may be reset by either an external reset, RESET command, or an internally generated power-on
reset (POR) signal. The RESET input must not be allowed to float. If the external RESET input is not used, it
must be connected to VCC, either directly or through a pull-up resistor.
EXTERNAL RESET
The device enters a reset state immediately when the RESET input is driven low. RESET must be held low for a
minimum of 700 ns to ensure a valid reset. If RESET is asserted at power-on, it must be held low until VCC rises
above the minimum operating voltage (1.62V). If an RC circuit is used to drive RESET, it must have a time
constant 5 times (5×) greater than the VCC rise time to this level.
When RESET goes low, the I/O ports are initialized immediately, any observed delay being only propagation
delay. When the RESET pin goes high, the LM8323 comes out of the reset state within about 1400 ns.
POWER-ON RESET (POR)
The POR circuit is always enabled. When VCC rises above the POR threshold voltage VPOR (about 1.2–1.5V), an
on-chip reset signal is asserted. The VCC rise time must be greater than 20 µs and less than 10 ms, otherwise
the on-chip reset signal may deassert before VCC reaches the minimum operating voltage. While VCC is below
VPOR, the LM8323 is held in reset and a timer clocked by the on-chip RC clock is preset with 0xFF (256 clock
cycles). When VCC reaches a value greater than VPOR, the timer starts counting down. When it underflows, the
on-chip reset signal is deasserted and the LM8323 begins operation.
PIN CONFIGURATION AFTER RESET
Table 2 shows the pin configuration after reset.
8
Submit Documentation Feedback
Copyright © 2010–2013, Texas Instruments Incorporated
Product Folder Links: LM8323



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com