Electronic Components Datasheet Search
  English  ▼

X  

LM8323 Datasheet(PDF) 10 Page - Texas Instruments

Part # LM8323
Description  LM8323 Mobile I/O Companion Supporting Keyscan, I/O Expansion, PWM, and ACCESS.bus Host Interface
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM8323 Datasheet(HTML) 10 Page - Texas Instruments

Back Button LM8323 Datasheet HTML 6Page - Texas Instruments LM8323 Datasheet HTML 7Page - Texas Instruments LM8323 Datasheet HTML 8Page - Texas Instruments LM8323 Datasheet HTML 9Page - Texas Instruments LM8323 Datasheet HTML 10Page - Texas Instruments LM8323 Datasheet HTML 11Page - Texas Instruments LM8323 Datasheet HTML 12Page - Texas Instruments LM8323 Datasheet HTML 13Page - Texas Instruments LM8323 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 46 page
background image
LM8323
SNLS273A – JULY 2010 – REVISED MARCH 2013
www.ti.com
NOTE
When FW6 version devices receive a RESET command the IRQ line is set high and held
high for 60 ms and then pulled low to show the device was successfully reset and is ready
to be used.
CONFIGURATION INPUTS
The states sampled from the CONFIG_1 and CONFIG_2 inputs during reset select the ACCESS.bus address
used by the LM8323, as shown in Table 3. The address occupies the high seven bits of the first byte of a bus
transaction, with the LSB (shown as X below) indicating the direction of transfer.
Table 3. Bus Address Selection
CONFIG_1
CONFIG_2
Bus Address
0
0
1000 010X
0
1
1000 011X
1
0
1000 100X
1
1
1000 101X
When these pins are used as GPIO ports, the design must ensure that they have the desired states during reset.
For example, a 100-k
Ω resistor to ground can impose a logic 0 during reset without interfering with normal
operation as a GPIO port.
INITIALIZATION
The LM8323 waits for a WRITE_CFG command from the host. During this time, IRQ is asserted to request
service from the host. Figure 4 describes the behavior of the LM8323 following reset.
Figure 4. LM8323 Initialization Behavior
Figure 5 shows the timing of IRQ relative to a RESET or POR event and the WRITE_CFG command. 100 µs
after a RESET or POR event, IRQ is asserted and any READ_INT command will return an interrupt code with
the NOINIT bit set. 90 µs after a WRITE_CFG command is received, IRQ is deasserted.
10
Submit Documentation Feedback
Copyright © 2010–2013, Texas Instruments Incorporated
Product Folder Links: LM8323



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com