Electronic Components Datasheet Search
  English  ▼

X  

LM8323 Datasheet(PDF) 40 Page - Texas Instruments

Part # LM8323
Description  LM8323 Mobile I/O Companion Supporting Keyscan, I/O Expansion, PWM, and ACCESS.bus Host Interface
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM8323 Datasheet(HTML) 40 Page - Texas Instruments

Back Button LM8323 Datasheet HTML 36Page - Texas Instruments LM8323 Datasheet HTML 37Page - Texas Instruments LM8323 Datasheet HTML 38Page - Texas Instruments LM8323 Datasheet HTML 39Page - Texas Instruments LM8323 Datasheet HTML 40Page - Texas Instruments LM8323 Datasheet HTML 41Page - Texas Instruments LM8323 Datasheet HTML 42Page - Texas Instruments LM8323 Datasheet HTML 43Page - Texas Instruments LM8323 Datasheet HTML 44Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 46 page
background image
LM8323
SNLS273A – JULY 2010 – REVISED MARCH 2013
www.ti.com
AC ELECTRICAL CHARACTERISTICS
(Temperature: -40°C
≤ TA ≤ +85°C)
Data sheet specification limits are specified by design, test, or statistical analysis.
Parameter
Conditions
Min
Typ
Max
Units
System Clock Frequency
Internal RC
21
MHz
System Clock Period (mclk)
1.62V
≤ VCC ≤ 1.98V
48
ns
Processing and Command Execution Cycle (tC)
1.62V
≤ VCC ≤ 1.98V
0.5
μs
System Clock, Processing and Command Execution
7
%
Cycle Variation
General-Purpose I/O (GPIO)
Output Rise Time(1)
CLOAD = 50 pF
15
ns
Output Fall Time(1)
15
ns
ACCESS.bus Input Signals
Bus Free Time Between Stop and Start Condition
16
mclk
(tBUFi) (1)
SCL Setup Time (tCSTOsi) (1)
Before Stop Condition
8
mclk
SCL Hold Time (tCSTRhi) (1)
After Start Condition
8
mclk
SCL Setup Time (tCSTRsi) (1)
Before Start Condition
8
mclk
Data High Setup Time (tDHCsi) (1) (2)
Before SCL Rising Edge (RE)
2
mclk
Data Low Setup Time (tDLCsi) (1) (2)
Before SCL RE
2
mclk
SCL Low Time (tSCLlowi) (1)
After SCL Falling Edge (FE)
12
mclk
SCL High Time (tSCLhighi) (1) (2)
After SCL RE
12
mclk
SDA Hold Time (tSDAhi) (1)
After SCL FE
0
mclk
SDA Setup Time (tSDAsi) (1) (2)
Before SCL RE
2
mclk
ACCESS.bus Output Signals
SCL Hold Time (tSDAho) (1)
After SCL FE
7
mclk
(1)
Specified by design, not tested.
(2)
The ACCESS.bus interface implements and meets the timing necessary for interface to the I2C and SMBus protocol at logic levels. The
bus drivers are designed with open-drain output for bidirectional operation. Due to System Clock (mclk) Variation, this specification may
not meet the AC timing and current/voltage drive requirements of the full bus specifications.
Figure 21. ACB Start and Stop Condition Timing
40
Submit Documentation Feedback
Copyright © 2010–2013, Texas Instruments Incorporated
Product Folder Links: LM8323



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com