Electronic Components Datasheet Search
  English  ▼

X  

LM8323 Datasheet(PDF) 13 Page - Texas Instruments

Part # LM8323
Description  LM8323 Mobile I/O Companion Supporting Keyscan, I/O Expansion, PWM, and ACCESS.bus Host Interface
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM8323 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM8323 Datasheet HTML 9Page - Texas Instruments LM8323 Datasheet HTML 10Page - Texas Instruments LM8323 Datasheet HTML 11Page - Texas Instruments LM8323 Datasheet HTML 12Page - Texas Instruments LM8323 Datasheet HTML 13Page - Texas Instruments LM8323 Datasheet HTML 14Page - Texas Instruments LM8323 Datasheet HTML 15Page - Texas Instruments LM8323 Datasheet HTML 16Page - Texas Instruments LM8323 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 46 page
background image
LM8323
www.ti.com
SNLS273A – JULY 2010 – REVISED MARCH 2013
Figure 7. Halt Current vs. Temperature at 1.98V
Halt mode is entered when no key-press event, key-release event, change in the rotary encoder counter value or
ACCESS.bus activity is detected for a certain period of time (by default, 500 ms). The mechanism for entering
Halt mode is always enabled in hardware, but the host can program the period of inactivity which triggers entry
into Halt mode.
NOTE
When FW4 version devices enter the Halt mode there is approximately a 33% chance the
device may miss key events during the period of 3ms before entering Halt mode until 3ms
after entering Halt mode resulting in lost key events. This was corrected in FW6 devices
so that 100% of all key events are captured, even as the device is entering Halt mode.
ACCESS.bus ACTIVITY
When the LM8323 is in Halt mode, any activity on the ACCESS.bus interface will cause the LM8323 to exit from
Halt mode. However, the LM8323 will not be able to acknowledge the first bus cycle immediately following wake-
up from Halt mode. It will respond with a negative acknowledgement, and the host should then repeat the cycle.
The LM8323 will be prevented from entering Halt mode if it shares the bus with peripherals that are continuously
active. For lowest power consumption, the LM8323 should only share the bus with peripherals that require little
or no bus activity after system initialization.
KEYPAD INTERFACE
EVENT CODE ASSIGNMENT
After power-on reset and host initialization, the LM8323 starts scanning the keypad. It stays active for a default
time of about 500 ms after the last key is released, after which it enters Halt mode to minimize power
consumption (typically <9 µA standby current).
Table 4 lists the codes assigned to the matrix positions encoded by the hardware. Key-press events are
assigned the codes listed in Table 4, but with the MSB set. When a key is released, the MSB of the code is
clear.
Copyright © 2010–2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LM8323



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com