Electronic Components Datasheet Search
  English  ▼

X  

LM8323 Datasheet(PDF) 1 Page - Texas Instruments

Part # LM8323
Description  LM8323 Mobile I/O Companion Supporting Keyscan, I/O Expansion, PWM, and ACCESS.bus Host Interface
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM8323 Datasheet(HTML) 1 Page - Texas Instruments

  LM8323 Datasheet HTML 1Page - Texas Instruments LM8323 Datasheet HTML 2Page - Texas Instruments LM8323 Datasheet HTML 3Page - Texas Instruments LM8323 Datasheet HTML 4Page - Texas Instruments LM8323 Datasheet HTML 5Page - Texas Instruments LM8323 Datasheet HTML 6Page - Texas Instruments LM8323 Datasheet HTML 7Page - Texas Instruments LM8323 Datasheet HTML 8Page - Texas Instruments LM8323 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 46 page
background image
LM8323
www.ti.com
SNLS273A – JULY 2010 – REVISED MARCH 2013
LM8323 Mobile I/O Companion Supporting Keyscan, I/O Expansion, PWM, and
ACCESS.bus Host Interface
Check for Samples: LM8323
1
FEATURES
Polling
–
Configuration of General-purpose I/O Ports
2
•
Key Features
–
Various Initialization Options (Keypad Size,
–
Supports Keypad Matrices of up to 8 × 12
etc.)
Keys Plus 8 Special-function (SF) Keys for
a Total of 104 Keys. SF Keys Pull Keypad
•
Key Device Characteristics
Scan Inputs Directly to Ground, Rather than
–
1.8V ± 180 mV Single-supply Operation
Connecting to a Keypad Scan Output.
–
On-chip Power-on Reset (POR)
–
Supports I2C-compatible ACCESS.bus
–
Watchdog Timer
Interface in Slave Mode up to 400 kHz
–
Dedicated Slow Clock Input for 32 kHz
(Fast-mode).
–
-40°C to +85°C Industrial Temperature
–
Three Host-programmable PWM Outputs
Range
Useful for Smooth LED Brightness
–
36-pin csBGA Package
Modulation.
–
Supports General-purpose I/O Expansion
APPLICATIONS
on Pins Not Otherwise Used for Keypad or
Rotary Encoder Interface.
•
Cordless Phones
–
Key-scan Event Storage in a FIFO Buffer for
•
Smart Handheld Devices
up to 15 Events.
DESCRIPTION
–
Key Events, Errors, and Dedicated
The LM8323 key-scan controller is a dedicated
Hardware Interrupts Request Host Service
device to unburden a host from scanning a matrix-
by Asserting the IRQ Output.
addressed keypad. In addition, the LM8323 provides
–
The Correct Reception of a Command May
general-purpose I/O expansion, a rotary encoder
be Assumed, if No Error is Reported from
interface and PWM outputs useful for dynamic LED
the LM8323 After Receiving it.
brightness modulation.
–
Wake-up from Halt Mode on any Matrix
It communicates with the host through an I2C-
Key-scan Event, any Use of the SF Keys, or
compatible
ACCESS.bus
interface.
An
interrupt
Any Activity on the ACCESS.bus Interface,
output is available for signaling key-press and key-
or Any Change in the Rotary Encoder
release events. Communication frequencies up to
Counter Value (if Enabled).
400 kHz (Fast-mode) bus speed are supported. The
LM8323 supports a predefined set of commands.
•
Host-Controlled Functions
These commands enable a host device to keep
–
Three PWM Outputs
control over all functions.
–
Period of Inactivity that Triggers Entry into
Halt Mode
–
Debounce Time for Reliable Key Event
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2010–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM8323

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM8323 TI1-LM8323 Datasheet
597Kb / 46P
LM8323 Mobile I/O Companion Supporting Keyscan, I/O Expansion, PWM, and ACCESS.bus Host Interface
LM8323 TI1-LM8323 Datasheet
1Mb / 47P
LM8323 Mobile I/O Companion Supporting Keyscan, I/O Expansion, PWM, and ACCESS.bus Host Interface
LM8323JGR8 TI1-LM8323JGR8 Datasheet
597Kb / 46P
LM8323 Mobile I/O Companion Supporting Keyscan, I/O Expansion, PWM, and ACCESS.bus Host Interface
LM8323JGR8AXM TI1-LM8323JGR8AXM Datasheet
597Kb / 46P
LM8323 Mobile I/O Companion Supporting Keyscan, I/O Expansion, PWM, and ACCESS.bus Host Interface
LM8323JGR8AXM/NOPB TI1-LM8323JGR8AXM/NOPB Datasheet
1Mb / 47P
LM8323 Mobile I/O Companion Supporting Keyscan, I/O Expansion, PWM, and ACCESS.bus Host Interface
More results

Similar Description - LM8323

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM8333 NSC-LM8333_07 Datasheet
620Kb / 18P
Mobile I/O Companion Supporting Key-Scan, I/O Expansion, PWM, and ACCESS.bus Host Interface
LM8322 NSC-LM8322 Datasheet
897Kb / 42P
Mobile I/O Companion Supporting Key-Scan, I/O Expansion, PWM, and ACCESS.bus Host Interface
logo
Texas Instruments
LM8323 TI1-LM8323 Datasheet
597Kb / 46P
LM8323 Mobile I/O Companion Supporting Keyscan, I/O Expansion, PWM, and ACCESS.bus Host Interface
LM8325-1 TI1-LM8325-1 Datasheet
674Kb / 60P
LM8325-1 Mobile I/O Companion Supporting Keyscan, I/O Expansion, PWM, and ACCESS.bus Host Interface
LM8327 TI1-LM8327 Datasheet
740Kb / 72P
LM8327 Mobile I/O Companion Supporting Keyscan, I/O Expansion, PWM, and ACCESS.bus Host Interface
LM8328 TI1-LM8328 Datasheet
666Kb / 60P
LM8328 Mobile I/O Companion Supporting Keyscan, I/O Expansion, PWM, and ACCESS.bus Host Interface
LM8323 TI1-LM8323_14 Datasheet
1Mb / 47P
LM8323 Mobile I/O Companion Supporting Keyscan, I/O Expansion, PWM, and ACCESS.bus Host Interface
LM8325-1 TI1-LM8325-1_13 Datasheet
1Mb / 57P
LM8325-1 Mobile I/O Companion Supporting Keyscan, I/O Expansion, PWM, and ACCESS.bus Host Interface
LM8327 TI1-LM8327_14 Datasheet
1Mb / 65P
LM8327 Mobile I/O Companion Supporting Keyscan, I/O Expansion, PWM, and ACCESS.bus Host Interface
LM8328 TI1-LM8328_16 Datasheet
1Mb / 56P
LM8328 Mobile I/O Companion Supporting Keyscan, I/O Expansion, PWM, and ACCESS.bus Host Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com