Electronic Components Datasheet Search
  English  ▼

X  

LM8323 Datasheet(PDF) 12 Page - Texas Instruments

Part # LM8323
Description  LM8323 Mobile I/O Companion Supporting Keyscan, I/O Expansion, PWM, and ACCESS.bus Host Interface
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM8323 Datasheet(HTML) 12 Page - Texas Instruments

Back Button LM8323 Datasheet HTML 8Page - Texas Instruments LM8323 Datasheet HTML 9Page - Texas Instruments LM8323 Datasheet HTML 10Page - Texas Instruments LM8323 Datasheet HTML 11Page - Texas Instruments LM8323 Datasheet HTML 12Page - Texas Instruments LM8323 Datasheet HTML 13Page - Texas Instruments LM8323 Datasheet HTML 14Page - Texas Instruments LM8323 Datasheet HTML 15Page - Texas Instruments LM8323 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 46 page
background image
LM8323
SNLS273A – JULY 2010 – REVISED MARCH 2013
www.ti.com
INITIALIZATION EXAMPLE
In the following example, the LM8323 is configured as:
•
Keypad matrix configuration is 8 × 4.
•
Rotary encoder interface enabled.
•
GPIO_03 through GPIO_07 are available to use as GPIO pins.
•
GPIO_03 is an output driven low.
•
GPIO_4 and GPIO_5 are outputs driven high.
•
GPIO_06 and GPIO_07 are inputs with weak pulldowns.
•
GPIO_14 and GPIO_15 are inputs with weak pullups.
•
The PWM clock source is the internal execution clock divided by 64 (about 32 kHz).
Most of these settings can be verified by executing commands such as READ_CONF, READ_PORT_SEL,
READ_CLOCK, etc.
ALL GPIO pin states can be read using the READ_PORT_STATE command, without regard to whether the pin is
an input or an output.
An open-drain signal can be created by alternating between input mode and driving the output low.
All GPIOs can sink and source 16 mA when configured as an output.
Command
Encoding
Parameter 1
Parameter 2
Description
Selects 36-pin package and disables the two digital
WRITE_CFG
0x81
0x40
multiplexers.
SLOWCLKOUT disabled, no external 32.768 kHz clock
WRITE_CLK
0x93
0x08
required, PWM clock source is internal.
SET_KEY_SIZE
0x90
0x84
Selects a keypad matrix size of 8 × 4.
Sets the active time to about 300 milliseconds (75 × 4
SET_ACTIVE
0x8B
0x4B
milliseconds).
Sets the key debouncing time to about 12 milliseconds (3 × 4
SET_DEBOUNCE
0x8F
0x03
ms). This is actually the default and would not have to be
performed.
Configure GPIO_03, GPIO_04, and GPIO_05 as outputs.
WRITE_PORT_SEL
0x85
0x00
0x38
Configure GPIO_06, GPIO_07, GPIO_14, and GPIO_15 as
inputs.
Set the direction for the pullup/pulldown devices on GPIO_06
WRITE_PULL_DOWN
0x84
0x00
0x3F
and GPIO_07 to pulldown. Set the direction for the
pullup/pulldown devices on GPIO_14 and GPIO_15 to pullup.
Set GPIO_04 and GPIO_05 to drive high. Enable the pullups
WRITE_PORT_STATE
0x86
0xC0
0xF0
on GPIO_06, GPIO_07, GPIO_14, and GPIO_15.
HALT MODE
The fully static architecture of the LM8323 allows stopping the internal RC clock in Halt mode, which reduces
power consumption to the minimum level. Figure 7 shows the current in Halt mode at the maximum VCC (1.98V)
from 25°C to +85°C.
12
Submit Documentation Feedback
Copyright © 2010–2013, Texas Instruments Incorporated
Product Folder Links: LM8323



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com