Electronic Components Datasheet Search
  English  ▼

X  

LM8323 Datasheet(PDF) 6 Page - Texas Instruments

Part # LM8323
Description  LM8323 Mobile I/O Companion Supporting Keyscan, I/O Expansion, PWM, and ACCESS.bus Host Interface
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM8323 Datasheet(HTML) 6 Page - Texas Instruments

Back Button LM8323 Datasheet HTML 2Page - Texas Instruments LM8323 Datasheet HTML 3Page - Texas Instruments LM8323 Datasheet HTML 4Page - Texas Instruments LM8323 Datasheet HTML 5Page - Texas Instruments LM8323 Datasheet HTML 6Page - Texas Instruments LM8323 Datasheet HTML 7Page - Texas Instruments LM8323 Datasheet HTML 8Page - Texas Instruments LM8323 Datasheet HTML 9Page - Texas Instruments LM8323 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 46 page
background image
SF Keys
LM8323
Keypad
I/O Controller
KP-Y1
KP-Y2
KP-Y3
KP-Y4
KP-Y5
KP-Y6
KP-Y7
KP-Y8
KP-X0
KP-X1
KP-X2
KP-X3
KP-X4
KP-X5
KP-X6
KP-X7
Host
Processor
SDA
SCL
VCC
KP-Y0
CONFIG_1
CONFIG_2
GPIO_14
GPIO_15
PWM_0
PWM_1
RESET
VCC
GND
XTAL_IN
XTAL_OUT
IRQ
ROT_IN_1
ROT_IN_2
ROT_IN_3
LM8323
SNLS273A – JULY 2010 – REVISED MARCH 2013
www.ti.com
APPLICATION EXAMPLE
Figure 2. Typical Application
FEATURES
The application example shown in Figure 2 supports the following features:
•
8 x 9 standard keys.
•
8 special function keys (SF keys) with wake-up capability by forcing a WAKE_INx pin to ground. Pressing a
SF key overrides any other key in the same row.
•
ACCESS.bus (I2C-compatible) interface for communication with the host.
•
Hardware IRQ interrupt to host to signal keypad, rotary encoder, error, and status events. By default, this is
an open-drain output, so an external pullup resistor may be required to avoid false assertion. The host can
program this output for push-pull mode, in which case the pullup might not be required, if the host can ignore
a false assertion before the LM8323 has been programmed.
•
Two LEDs driven by PWM outputs with programmable ramp-up and ramp-down. PWM_2 (shared with
GPIO_15 and CONFIG_2) could be used as an additional PWM driver port to control a third external LED.
•
Rotary encoder interface shares pins with KP-Y9, KP-Y10, and KP-Y11. For larger keyboard configurations
(such as QWERTY layouts), the rotary encoder interface is not available.
•
ACCESS.bus address is selected by the CONFIG_1 and CONFIG_2 inputs. These pins may also be used as
GPIO pins after reset initialization has occurred. If extra GPIO pins are not needed, CONFIG_1 and
CONFIG_2 may be tied directly to VCC and GND.
•
Crystal pins XTAL_IN and XTAL_OUT may be used to connect to an external 32.768 kHz crystal or receive
an external 32.768 kHz clock input for running the PWM peripheral. By default, the PWM is clocked by an on-
chip clock source.
CLOCKS
•
System Clock (mclk) — The system clock is in the range of about 21 MHz (±7%) typical. This clock is used
to drive the I2C-compatible serial ACCESS bus and is the input clock for other function blocks.
•
Processing and Command Execution Clock (tC) — The internal processing is based on a 2MHz clock. This
clock is derived from the System Clock.
6
Submit Documentation Feedback
Copyright © 2010–2013, Texas Instruments Incorporated
Product Folder Links: LM8323



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com