Electronic Components Datasheet Search
  English  ▼

X  

LM96063 Datasheet(PDF) 2 Page - Texas Instruments

Part # LM96063
Description  LM96063 Remote Diode Digital Temperature Sensor with Integrated Fan Control
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM96063 Datasheet(HTML) 2 Page - Texas Instruments

  LM96063 Datasheet HTML 1Page - Texas Instruments LM96063 Datasheet HTML 2Page - Texas Instruments LM96063 Datasheet HTML 3Page - Texas Instruments LM96063 Datasheet HTML 4Page - Texas Instruments LM96063 Datasheet HTML 5Page - Texas Instruments LM96063 Datasheet HTML 6Page - Texas Instruments LM96063 Datasheet HTML 7Page - Texas Instruments LM96063 Datasheet HTML 8Page - Texas Instruments LM96063 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 46 page
background image
LM96063
2
3
4
5
6
7
8
9
VDD
D+
D-
PWM
SMBDAT
TACH
ALERT
GND
1
10
TCRIT
SMBCLK
LM96063
SNIS149B – NOVEMBER 2011 – REVISED MARCH 2013
www.ti.com
Connection Diagram
Figure 1. WSON Package
See Package Number DSC0010A
PIN DESCRIPTIONS
Pin
Name
Input/Output
Function and Connection
Open-Drain Digital Output. Connect to system shutdown. Pin activates when
Open-Drain
1
TCRIT
temperature conversion value exceeds programmed limit. Several power-on-default
Digital Output
limit values are available.
Connect to a low-noise +3.3 ± 0.3 VDC power supply, and bypass to GND with a 0.1 µF
2
VDD
Power Supply Input
ceramic capacitor in parallel with a 100 pF ceramic capacitor. A bulk capacitance of 10
µF needs to be in the vicinity of the LM96063's VDD pin.
Connect to the anode (positive side) of the remote diode. A 100pF capacitor can be
3
D+
Analog Input
connected between pins 3 and 4.
Connect to the cathode (negative side) of the remote diode. A 100pF capacitor can be
4
D
−
Analog Input
connected between pins 3 and 4.
Open-Drain
Open-Drain Digital Output. Connect to fan drive circuitry. The power-on default for this
5
PWM
Digital Output
pin is low (pin 4 pulled to ground).
6
GND
Ground
This is the analog and digital ground return.
Open-Drain
This pin is an open-drain ALERT output.
7
ALERT
Digital Output
Tachometer input for measuring fan speed. Note the TACH input is disabled upon
8
TACH
Digital Input
power-up and needs to be enabled for use by setting TCHEN bit 2 of Configuration
Register 03h.
Digital Input/
9
SMBDAT
Open-Drain Digital
This is the bidirectional SMBus data line.
Output
10
SMBCLK
Digital Input
Digital Input. This is the SMBus clock input.
2
Submit Documentation Feedback
Copyright © 2011–2013, Texas Instruments Incorporated
Product Folder Links: LM96063



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com