Electronic Components Datasheet Search
  English  ▼

X  

LM96063 Datasheet(PDF) 12 Page - Texas Instruments

Part # LM96063
Description  LM96063 Remote Diode Digital Temperature Sensor with Integrated Fan Control
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM96063 Datasheet(HTML) 12 Page - Texas Instruments

Back Button LM96063 Datasheet HTML 8Page - Texas Instruments LM96063 Datasheet HTML 9Page - Texas Instruments LM96063 Datasheet HTML 10Page - Texas Instruments LM96063 Datasheet HTML 11Page - Texas Instruments LM96063 Datasheet HTML 12Page - Texas Instruments LM96063 Datasheet HTML 13Page - Texas Instruments LM96063 Datasheet HTML 14Page - Texas Instruments LM96063 Datasheet HTML 15Page - Texas Instruments LM96063 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 46 page
background image
Remote High Limit
RDTS Measurement
Time
ALERT mask set
in response to
ARA from master
Status Register: Remote High
LM96063
ALERT Pin
LM96063
SNIS149B – NOVEMBER 2011 – REVISED MARCH 2013
www.ti.com
The ALERT output can be disabled by setting the ALERT Mask bit in the Configuration Register. The power-on
default is to have the ALERT Mask bit and the ALERT Configuration bit low.
Figure 8. ALERT Output as an SMBus ALERT Temperature Response Diagram
TCRIT Function
The TCRIT output will be activated whenever the RCRIT bit in the ALERT Status register is set. This occurs
whenever the remote temperature exceeds the value set by the Remote T_CRIT Setpoint register. There is a
hysteresis associated with the T_CRIT Setpoint that is set by the value in the Remote T_CRIT Hysteresis
register. The RCRIT bit will be reset when the remote temperature equals or is less than the value defined by
Remote T_CRIT Setpoint minus T_CRIT Hysteresis. The resolution of the comparison is 1 °C. For example if
T_CRIT = 110 °C and THYST = 5 °C the TCRIT output will activate when the temperature reading is 111 °C and
deactivate when the temperature reading is 105 °C.
When the LM96063 powers up the T_CRIT limit is locked to the default value. It may be changed after the
T_CRIT Limit Override bit (TCRITOV) bit, found in the Configuration Register, is set.
The format of the Remote T_CRIT setpoint register is controlled by the USF bit found in the Enhanced
configuration register. The temperature reading format used for the T_CRIT comparisons is +255 °C to -256°C.
SMBus INTERFACE
Since the LM96063 operates as a slave on the SMBus the SMBCLK line is an input and the SMBDAT line is
bidirectional. The LM96063 never drives the SMBCLK line and it does not support clock stretching. According to
SMBus specifications, the LM96063 has a 7-bit slave address. All bits, A6 through A0, are internally programmed
and cannot be changed by software or hardware.
The complete slave address is:
A6
A5
A4
A3
A2
A1
A0
1
0
0
1
1
0
0
POWER-ON RESET (POR) DEFAULT STATES
For information on the POR default states see LM96063 REGISTER MAP IN FUNCTIONAL ORDER.
TEMPERATURE DATA FORMAT
Temperature data can only be read from the Local and Remote Temperature value registers. The data format for
all temperature values is left justified 16-bit word available in two 8-bit registers. Unused bits will always report
"0". All temperature data is clamped and will not roll over when a temperature exceeds full-scale value.
Remote temperature and remote high setpoint temperature data can be represented by an 11-bit, two's
complement word or unsigned binary word with an LSb (Least Significant Bit) equal to 0.125°C.
12
Submit Documentation Feedback
Copyright © 2011–2013, Texas Instruments Incorporated
Product Folder Links: LM96063



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com