Electronic Components Datasheet Search
  English  ▼

X  

LM96063 Datasheet(PDF) 24 Page - Texas Instruments

Part # LM96063
Description  LM96063 Remote Diode Digital Temperature Sensor with Integrated Fan Control
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM96063 Datasheet(HTML) 24 Page - Texas Instruments

Back Button LM96063 Datasheet HTML 20Page - Texas Instruments LM96063 Datasheet HTML 21Page - Texas Instruments LM96063 Datasheet HTML 22Page - Texas Instruments LM96063 Datasheet HTML 23Page - Texas Instruments LM96063 Datasheet HTML 24Page - Texas Instruments LM96063 Datasheet HTML 25Page - Texas Instruments LM96063 Datasheet HTML 26Page - Texas Instruments LM96063 Datasheet HTML 27Page - Texas Instruments LM96063 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 46 page
background image
LM96063
SNIS149B – NOVEMBER 2011 – REVISED MARCH 2013
www.ti.com
Address
Read/
POR
Bits
Name
Description
Hex
Write
Value
7
0
E2T7
Lookup Table Temperature Entry 2
Bit 7 is unused and always set to 0 in the low resolution temperature LUT mode. In
the high resolution temperature LUT mode bit 7 in conjunction with bits 6:0 of this
register are used to determine the limit temperature that the remote diode
temperature is compared to. In high resolution the range is 0°C to 127.5°C. In low
resolution mode the range is 0°C to 127°C. If the remote diode temperature
52
exceeds this value, the PWM output will be the value in Register 0x53. Only 9-bits
6:0
0x7F
E2T6:E2T0
of the temperature reading are used in high resolution and 8-bits in low resolution.
Read.
Only positive temperature values can be programed in this register and in all cases
(Write
the sign bit is assumed to be zero. Temperatures greater than 127 °C or 127.5 °C
only if
can be programmed through the use of the Lookup Table Temperature Offset
reg 4A
Register (4Eh).
bit 5 =
Lookup Table PWM Duty Cycle Extended Entry 2
1)
These bits are unused and always set to 0 in the low resolution duty cycle LUT
mode. In the high resolution duty cycle LUT mode these bits in association with
7:6
00
E2D7:E2D6
bits 5:0 of this register are used for the PWM value associated with the
temperature limit in register 0x52. These bits can only be activated when PWM
53
frequency of 22.5kHz is chosen.
Lookup Table PWM Duty Cycle Entry 2
5:0
0x3F
E2D5:E2D0
The PWM value corresponding to the temperature limit in register 0x52 for the low
resolution PWM mode.
7
0
E3T7
Lookup Table Temperature Entry 3
Bit 7 is unused and always set to 0 in the low resolution temperature LUT mode. In
the high resolution temperature LUT mode bit 7 in conjunction with bits 6:0 of this
register are used to determine the limit temperature that the remote diode
temperature is compared to. In high resolution the range is 0°C to 127.5°C. In low
resolution mode the range is 0°C to 127°C. If the remote diode temperature
54
exceeds this value, the PWM output will be the value in Register 0x55. Only 9-bits
6:0
0x7F
E3T6:E3T0
of the temperature reading are used in high resolution and 8-bits in low resolution.
Read.
Only positive temperature values can be programed in this register and in all cases
(Write
the sign bit is assumed to be zero. Temperatures greater than 127 °C or 127.5 °C
only if
can be programmed through the use of the Lookup Table Temperature Offset
reg 4A
Register (4Eh).
bit 5 =
Lookup Table PWM Duty Cycle Extended Entry 3
1)
These bits are unused and always set to 0 in the low resolution duty cycle LUT
mode. In the high resolution duty cycle LUT mode these bits in association with
7:6
00
E3D7:E3D6
bits 5:0 of this register are used for the PWM value associated with the
temperature limit in register 0x54. These bits can only be activated when PWM
55
frequency of 22.5kHz is chosen.
Lookup Table PWM Duty Cycle Entry 3
5:0
0x3F
E3D5:E3D0
The PWM value corresponding to the temperature limit in register 0x54 for the low
resolution PWM mode.
7
0
E4T7
Lookup Table Temperature Entry 4
Bit 7 is unused and always set to 0 in the low resolution temperature LUT mode. In
the high resolution temperature LUT mode bit 7 in conjunction with bits 6:0 of this
register are used to determine the limit temperature that the remote diode
temperature is compared to. In high resolution the range is 0°C to 127.5°C. In low
resolution mode the range is 0°C to 127°C. If the remote diode temperature
56
exceeds this value, the PWM output will be the value in Register 0x57. Only 9-bits
6:0
0x7F
E4T6:E4T0
of the temperature reading are used in high resolution and 8-bits in low resolution.
Read.
Only positive temperature values can be programed in this register and in all cases
(Write
the sign bit is assumed to be zero. Temperatures greater than 127 °C or 127.5 °C
only if
can be programmed through the use of the Lookup Table Temperature Offset
reg 4A
Register (4Eh).
bit 5 =
Lookup Table PWM Duty Cycle Extended Entry 4
1)
These bits are unused and always set to 0 in the low resolution duty cycle LUT
mode. In the high resolution duty cycle LUT mode these bits in association with
7:6
00
E4D7:E4D6
bits 5:0 of this register are used for the PWM value associated with the
temperature limit in register 0x56. These bits can only be activated when PWM
57
frequency of 22.5kHz is chosen.
Lookup Table PWM Duty Cycle Entry 4
5:0
0x3F
E4D5:E4D0
The PWM value corresponding to the temperature limit in register 0x56 for the low
resolution PWM mode.
24
Submit Documentation Feedback
Copyright © 2011–2013, Texas Instruments Incorporated
Product Folder Links: LM96063



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com