Electronic Components Datasheet Search
  English  ▼

X  

LM96063 Datasheet(PDF) 7 Page - Texas Instruments

Part # LM96063
Description  LM96063 Remote Diode Digital Temperature Sensor with Integrated Fan Control
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM96063 Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM96063 Datasheet HTML 3Page - Texas Instruments LM96063 Datasheet HTML 4Page - Texas Instruments LM96063 Datasheet HTML 5Page - Texas Instruments LM96063 Datasheet HTML 6Page - Texas Instruments LM96063 Datasheet HTML 7Page - Texas Instruments LM96063 Datasheet HTML 8Page - Texas Instruments LM96063 Datasheet HTML 9Page - Texas Instruments LM96063 Datasheet HTML 10Page - Texas Instruments LM96063 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 46 page
background image
VIH
VIL
SMBCLK
P
S
VIH
VIL
SMBDAT
tBUF
tHD;STA
tLOW
tR
tHD;DAT
tHIGH
tF
tSU;DAT
tSU;STA
tSU;STO
P
S
LM96063
www.ti.com
SNIS149B – NOVEMBER 2011 – REVISED MARCH 2013
SMBus Digital Switching Characteristics
Unless otherwise noted, these specifications apply for VDD = +3.0 VDC to +3.6 VDC, CL (load capacitance) on output lines =
80 pF. Boldface limits apply for TA = TJ; TMIN ≤ TA ≤ TMAX; all other limits TA = TJ = +25°C, unless otherwise noted. The
switching characteristics of the LM96063 fully meet or exceed the published specifications of the SMBus version 2.0. The
following parameters are the timing relationships between SMBCLK and SMBDAT signals related to the LM96063. They
adhere to but are not necessarily the same as the SMBus bus specifications.
Limits
Units
Parameter
Test Conditions
(1)
(Limit)
10
kHz (min)
fSMB
SMBus Clock Frequency
100
kHz (max)
tLOW
SMBus Clock Low Time
From VIN(0) max to VIN(0) max
4.7
µs (min)
From VIN(1) min to VIN(1) min
4.0
µs (min)
tHIGH
SMBus Clock High Time
50
µs (max)
tR
SMBus Rise Time
(2)
1
µs (max)
tF
SMBus Fall Time
(3)
0.3
µs (max)
tOF
Output Fall Time
CL = 400 pF, IO = 3 mA
250
ns (max)
SMBDAT and SMBCLK Time Low for Reset of
25
ms (min)
tTIMEOUT
Serial Interface See (4)
35
ms (max)
tSU:DAT
Data In Setup Time to SMBCLK High
250
ns (min)
300
ns (min)
tHD:DAT
Data Out Hold Time after SMBCLK Low
1075
ns (max)
Hold Time after (Repeated) Start Condition. After
tHD:STA
4.0
µs (min)
this period the first clock is generated.
tSU:STO
Stop Condition SMBCLK High to SMBDAT Low
100
ns (min)
(Stop Condition Setup)
SMBus Repeated Start-Condition Setup Time,
tSU:STA
4.7
µs (min)
SMBCLK High to SMBDAT Low
SMBus Free Time between Stop and Start
tBUF
4.7
µs (min)
Conditions
(1)
Limits are specified to AOQL (Average Outgoing Quality Level).
(2)
The output rise time is measured from (VIL max - 0.15 V) to (VIH min + 0.15 V).
(3)
The output fall time is measured from (VIH min + 0.15 V) to (VIL max - 0.15 V).
(4)
Holding the SMBDAT and/or SMBCLK lines Low for a time interval greater than tTIMEOUT will reset the LM96063’s SMBus state machine,
therefore setting SMBDAT and SMBCLK pins to a high impedance state.
Figure 2. SMBus Timing Diagram for SMBCLK and SMBDAT Signals
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM96063



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com