Electronic Components Datasheet Search
  English  ▼

X  

LM96063 Datasheet(PDF) 11 Page - Texas Instruments

Part # LM96063
Description  LM96063 Remote Diode Digital Temperature Sensor with Integrated Fan Control
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM96063 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LM96063 Datasheet HTML 7Page - Texas Instruments LM96063 Datasheet HTML 8Page - Texas Instruments LM96063 Datasheet HTML 9Page - Texas Instruments LM96063 Datasheet HTML 10Page - Texas Instruments LM96063 Datasheet HTML 11Page - Texas Instruments LM96063 Datasheet HTML 12Page - Texas Instruments LM96063 Datasheet HTML 13Page - Texas Instruments LM96063 Datasheet HTML 14Page - Texas Instruments LM96063 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 46 page
background image
Remote High Limit
RDTS Measurement
Time
ALERT mask set in
response to reading of
status register by master
LM96063
ALERT pin
Status Register: RTDS High
End of Temperature
conversion
LM96063
www.ti.com
SNIS149B – NOVEMBER 2011 – REVISED MARCH 2013
Figure 7. ALERT Output as an Interrupt Temperature Response Diagram
ALERT Output as an SMBus ALERT
An SMBus alert line is created when the ALERT output is connected to: (1) one or more ALERT outputs of other
SMBus compatible devices, and (2) to a master. Under this implementation, the LM96063's ALERT should be
operated using the ARA (Alert Response Address) protocol. The SMBus 2.0 ARA protocol, defined in the SMBus
specification 2.0, is a procedure designed to assist the master in determining which part generated an interrupt
and to service that interrupt.
The SMBus alert line is connected to the open-drain ports of all devices on the bus, thereby AND'ing them
together. The ARA method allows the SMBus master, with one command, to identify which part is pulling the
SMBus alert line LOW. It also prevents the part from pulling the line LOW again for the same triggering condition.
When an ARA command is received by all devices on the bus, the devices pulling the SMBus alert line LOW: (1)
send their address to the master and (2) release the SMBus alert line after acknowledgement of their address.
The SMBus Specifications 1.1 and 2.0 state that in response to and ARA (Alert Response Address) “after
acknowledging the slave address the device must disengage its ALERT pulldown”. Furthermore, “if the host still
sees ALERT low when the message transfer is complete, it knows to read the ARA again.” This SMBus
“disengaging ALERT requirement prevents locking up the SMBus alert line. Competitive parts may address the
“disengaging of ALERT” differently than the LM96063 or not at all. SMBus systems that implement the ARA
protocol as suggested for the LM96063 will be fully compatible with all competitive parts.
The LM96063 fulfills “disengaging of ALERT” by setting the ALERT Mask Bit in the Configuration Register after
sending out its address in response to an ARA and releasing the ALERT output pin. Once the ALERT Mask bit is
activated, the ALERT output pin will be disabled until enabled by software. In order to enable the ALERT the
master must read the ALERT Status Register, during the interrupt service routine and then reset the ALERT
Mask bit in the Configuration Register to 0 at the end of the interrupt service routine.
The following sequence describes the ARA response protocol.
1. Master senses SMBus alert line low
2. Master sends a START followed by the Alert Response Address (ARA) with a Read Command.
3. Alerting Device(s) send ACK.
4. Alerting Device(s) send their address. While transmitting their address, alerting devices sense whether their
address has been transmitted correctly. (The LM96063 will reset its ALERT output and set the ALERT Mask
bit once its complete address has been transmitted successfully.)
5. Master/slave NoACK
6. Master sends STOP
7. Master attends to conditions that caused the ALERT to be triggered. The ALERT Status Register is read and
fan started, setpoints adjusted, etc.
8. Master resets the ALERT Mask bit in the Configuration Register.
The ARA, 000 1100, is a general call address. No device should ever be assigned to this address.
The ALERT Configuration bit in the Remote Diode Temperature Filter and Comparator Mode Register must be
set low in order for the LM96063 to respond to the ARA command.
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM96063



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com