Electronic Components Datasheet Search
  English  ▼

X  

LM96063 Datasheet(PDF) 28 Page - Texas Instruments

Part # LM96063
Description  LM96063 Remote Diode Digital Temperature Sensor with Integrated Fan Control
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM96063 Datasheet(HTML) 28 Page - Texas Instruments

Back Button LM96063 Datasheet HTML 24Page - Texas Instruments LM96063 Datasheet HTML 25Page - Texas Instruments LM96063 Datasheet HTML 26Page - Texas Instruments LM96063 Datasheet HTML 27Page - Texas Instruments LM96063 Datasheet HTML 28Page - Texas Instruments LM96063 Datasheet HTML 29Page - Texas Instruments LM96063 Datasheet HTML 30Page - Texas Instruments LM96063 Datasheet HTML 31Page - Texas Instruments LM96063 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 46 page
background image
LM96063
SNIS149B – NOVEMBER 2011 – REVISED MARCH 2013
www.ti.com
Configuration Register
Address
Read/
POR
Bits
Name
Description
Hex
Write
Value
03 (09)HEX CONFIGURATION REGISTER
ALERT Mask
0: ALERT interrupts are enabled.
7
0
ALTMSK
1: ALERT interrupts are masked, and the ALERT pin is always in a high
impedance (open) state.
Standby
0: the LM96063 is in operational mode, converting, comparing, and updating the
PWM output continuously.
1: the LM96063 enters a low power standby mode.
6
0
STBY
R/W
In standby, continuous conversions are stopped, but a conversion/comparison
cycle may be initiated by writing any value to register 0x0F the One-shot Register.
Operation of the PWM output in standby depends on the setting of bit 5 in this
register.
PWM Disable in Standby
0: the LM96063’s PWM output continues to output the current fan control signal
5
0
PWMDIS
while in STANDBY.
03 (09)
1: the PWM output is disabled (as defined by the PWM polarity bit) while in
STANDBY.
R
4:3
00
[Reserved]
This bit is unused and always read as 0.
TACH Enable
2
0
TCHEN
0: disables the TACH input
1: enables the TACH input
T_CRIT Limit Override
1
0
TCRITOV
0: locks the T_CRIT limit for the remote diode, POR setting is nominally 110°C
1: unlocks the T_CRIT limit and allows it to be reprogrammed multiple times
R/W
RDTS Fault Queue
0: an ALERT will be generated if any Remote Diode conversion result is above the
Remote High Set Point or below the Remote Low Setpoint.
0
0
FLTQUE
1: an ALERT will be generated only if three consecutive Remote Diode
conversions are above the Remote High Set Point or below the Remote Low
Setpoint.
Tachometer Count and Limit Registers
Address
Read/
POR
Bits
Name
Description
Hex
Write
Value
47HEX TACHOMETER COUNT (MSB) and 46HEX TACHOMETER COUNT (LSB) REGISTERS (16 bits: Read LSB first to lock MSB and
ensure MSB and LSB are from the same reading)
47
R
7:0
N/A
TAC13:TAC6
Tachometer Count (MSB and LSB)
These registers contain the current 16-bit Tachometer Count, representing the
period of time between tach pulses.
R
7:2
N/A
TAC5:TAC0
Note that the 16-bit tachometer MSB and LSB register addresses are in reverse
order from the 16 bit temperature readings.
Tachometer Edge Programming
Bits
Edges Used
Tach_Count_Multiple
46
00:
Reserved - do not use
01:
2
4
R
1:0
00
TEDGE1:TEDGE0
10:
3
2
11:
5
1
Note: If PWM_Clock_Select = 360 kHz, then Tach_Count_Multiple = 1 regardless
of the setting of these bits.
49HEX TACHOMETER LIMIT (MSB) and 48HEX TACHOMETER LIMIT (LSB) REGISTERS
28
Submit Documentation Feedback
Copyright © 2011–2013, Texas Instruments Incorporated
Product Folder Links: LM96063



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com