Electronic Components Datasheet Search
  English  ▼

X  

LM96063 Datasheet(PDF) 33 Page - Texas Instruments

Part # LM96063
Description  LM96063 Remote Diode Digital Temperature Sensor with Integrated Fan Control
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM96063 Datasheet(HTML) 33 Page - Texas Instruments

Back Button LM96063 Datasheet HTML 29Page - Texas Instruments LM96063 Datasheet HTML 30Page - Texas Instruments LM96063 Datasheet HTML 31Page - Texas Instruments LM96063 Datasheet HTML 32Page - Texas Instruments LM96063 Datasheet HTML 33Page - Texas Instruments LM96063 Datasheet HTML 34Page - Texas Instruments LM96063 Datasheet HTML 35Page - Texas Instruments LM96063 Datasheet HTML 36Page - Texas Instruments LM96063 Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 46 page
background image
LM96063
www.ti.com
SNIS149B – NOVEMBER 2011 – REVISED MARCH 2013
Application Notes
FAN CONTROL DUTY CYCLE VS. REGISTER SETTINGS AND FREQUENCY
The following table is true only when the 22.5 kHz PWM frequency high resolution duty cycle is not selected.
PWM
PWM
Actual Duty
PWM
PWM
PWM
PWM
Step
Freq at
Freq at
Cycle, %
Freq
Value
Value
Value
Resolution,
360 kHz
1.4 kHz
When
4D
4C [5:0]
4C [5:0] for
4C [5:0]
%
Internal
Internal
75% is
[4:0]
for 100%
about 75%
for 50%
Clock, kHz
Clock, Hz
Selected
0
Address 0 is mapped to Address 1
1
50
2
1
1
180.0
703.1
50.0
2
25
4
3
2
90.00
351.6
75.0
3
16.7
6
5
3
60.00
234.4
83.3
4
12.5
8
6
4
45.00
175.8
75.0
5
10.0
10
8
5
36.00
140.6
80.0
6
8.33
12
9
6
30.00
117.2
75.0
7
7.14
14
11
7
25.71
100.4
78.6
8
6.25
16
12
8
22.50
87.9
75.0
9
5.56
18
14
9
20.00
78.1
77.8
10
5.00
20
15
10
18.00
70.3
75.0
11
4.54
22
17
11
16.36
63.9
77.27
12
4.16
24
18
12
15.00
58.6
75.00
13
3.85
26
20
13
13.85
54.1
76.92
14
3.57
28
21
14
12.86
50.2
75.00
15
3.33
30
23
15
12.00
46.9
76.67
16
3.13
32
24
16
11.25
43.9
75.00
17
2.94
34
26
17
10.59
41.4
76.47
18
2.78
36
27
18
10.00
39.1
75.00
19
2.63
38
29
19
9.47
37.0
76.32
20
2.50
40
30
20
9.00
35.2
75.00
21
2.38
42
32
21
8.57
33.5
76.19
22
2.27
44
33
22
8.18
32.0
75.00
23
2.17
46
35
23
7.82
30.6
76.09
24
2.08
48
36
24
7.50
29.3
75.00
25
2.00
50
38
25
7.20
28.1
76.00
26
1.92
52
39
26
6.92
27.0
75.00
27
1.85
54
41
27
6.67
26.0
75.93
28
1.79
56
42
28
6.42
25.1
75.00
29
1.72
58
44
29
6.21
24.2
75.86
30
1.67
60
45
30
6.00
23.4
75.00
31
1.61
62
47
31
5.81
22.7
75.81
The following table is true only when the 22.5 kHz PWM frequency with high resolution duty cycle is selected by
setting bit 4 (PHR) of the Enhanced Configuration register (0x45), clearing bit 3 (PWCKSL) of the PWM and
RPM Configuration register (0x4A) and setting PWM Frequency (0x4D) register to 0x08.
Actual Duty
PWM
PWM
PWM
PWM
PWM
PWM
Cycle, %
Step
Value
Value
Value
Freq at
Freq at
Freq
When
Resolution,
4C [7:0]
4C [7:0] for
4C [7:0]
360 kHz
1.4 kHz
4D
Approximately
%
for 100%
about 75%
for 50%
Internal
Internal
[4:0]
75% is
(Hex)
(Hex)
(Hex)
Clock, kHz
Clock, Hz
Selected
8
0.392
FF
BF
80
22.50
Not Available
74.902
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
33
Product Folder Links: LM96063



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com