Electronic Components Datasheet Search
  English  ▼

X  

LM96063 Datasheet(PDF) 3 Page - Texas Instruments

Part # LM96063
Description  LM96063 Remote Diode Digital Temperature Sensor with Integrated Fan Control
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM96063 Datasheet(HTML) 3 Page - Texas Instruments

  LM96063 Datasheet HTML 1Page - Texas Instruments LM96063 Datasheet HTML 2Page - Texas Instruments LM96063 Datasheet HTML 3Page - Texas Instruments LM96063 Datasheet HTML 4Page - Texas Instruments LM96063 Datasheet HTML 5Page - Texas Instruments LM96063 Datasheet HTML 6Page - Texas Instruments LM96063 Datasheet HTML 7Page - Texas Instruments LM96063 Datasheet HTML 8Page - Texas Instruments LM96063 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 46 page
background image
LM96063
2
3
4
5
6
8
9
10
100 pF
+3.3V
SMBCLK
SMBDAT
PWM Output
to Fan
To SMBus
interface
control
circuitry
GND
D+
D-
PWM
Remote diode-
connected transistor
inside of a CPU, GPU,
ASIC or descrete
MMBT3904
OPTIONAL
Capacitor is close
to pins 3 and 4
+3.3V
1.2k
Tach. input
from Fan
Fan voltage
+12 or +5 VDC
10k
13k
1k
Tach In
0.1
100 pF
10 PF
These two capacitors
are close to Pin 2
4-Pin DC Brushless
Fan Module with
Tachometer Output
and PWM Input
Fan V+
VDD
TACH
+3.3V
1.2k
1.2k
Traditional
Diode
Bias and
Control
Internal Diode
LM96063-LLP10
D+
D-
2 - Wire
Serial
Interface
SMBDAT
SMBCLK
Temp Reading,
Temp Limit,
Hysteresis, and
Temp Sensor
Filter Registers
Status and Status Mask Registers and
Logic
Comparators
PWM Fan Control
Registers
PWM Fan
Control
PWM
'6 ADC
IIR
Filter
Analog
Filter
ALERT
TACH
Tachometer
Detection
TCRIT
LM96063
www.ti.com
SNIS149B – NOVEMBER 2011 – REVISED MARCH 2013
Simplified Block Diagram
Typical Application
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM96063



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com