Electronic Components Datasheet Search
  English  ▼

X  

LM96063 Datasheet(PDF) 34 Page - Texas Instruments

Part # LM96063
Description  LM96063 Remote Diode Digital Temperature Sensor with Integrated Fan Control
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM96063 Datasheet(HTML) 34 Page - Texas Instruments

Back Button LM96063 Datasheet HTML 30Page - Texas Instruments LM96063 Datasheet HTML 31Page - Texas Instruments LM96063 Datasheet HTML 32Page - Texas Instruments LM96063 Datasheet HTML 33Page - Texas Instruments LM96063 Datasheet HTML 34Page - Texas Instruments LM96063 Datasheet HTML 35Page - Texas Instruments LM96063 Datasheet HTML 36Page - Texas Instruments LM96063 Datasheet HTML 37Page - Texas Instruments LM96063 Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 46 page
background image
90
95
100
105
TEMPERATURE (°C)
0
6.25
12.5
18.75
25
31.25
37.5
43.75
50
56.25
62.5
68.75
75
81.25
87.5
93.75
100
85
110
12-point LUT
Entry
PWM Output
Transition
90
95
100
105
TEMPERATURE (°C)
0
6.25
12.5
18.75
25
31.25
37.5
43.75
50
56.25
62.5
68.75
75
81.25
87.5
93.75
100
85
110
Ramp rate control
between transitions
has 0.39% step size
Multiple slopes
easily realizable
with 12-point LUT
%
100
%
100
_
_
_
_
_(%)
u
=
for
Value
PWM
Value
PWM
DutyCycle
LM96063
SNIS149B – NOVEMBER 2011 – REVISED MARCH 2013
www.ti.com
Computing Duty Cycles for a Given Frequency
Select a PWM Frequency from the first column corresponding to the desired actual frequency in columns 6 or 7.
Note the PWM Value for 100% Duty Cycle.
Find the Duty Cycle by taking the PWM Value of Register 4C and computing:
(1)
Example: For a PWM Frequency of 24, a PWM Value at 100% = 48 and PWM Value actual = 28, then the Duty
Cycle is (28/48) × 100% = 58.3%.
LUT FAN CONTROL
The LM96063 fan control uses a temperature to duty cycle look-up table (LUT) that has 12 indexes. High
resolution duty cycle (0.392%) is available when the PWM frequency is set to 22.5 kHz. In addition ramp rate
control is available to acoustically smooth the duty cycle transition between LUT steps.
Shown in Figure 12 is an example of the 12-point LUT temperature to PWM transfer function that can be realized
without smoothing enabled. The table is comprised of twelve Duty-Cycle and Temperature set-point pairs. Notice
that the transitions between one index of the LUT to the next happen instantaneously. If the PWM levels are set
far enough apart this can be acoustically very disturbing. The typical acoustical threshold of change in duty cycle
is 2%. Figure 13 has an overlaid curve (solid line) showing what occurs at the transitions when smoothing is
enabled. The dashed lines shown in Figure 13 are there to point out that multiple slopes can be realized easily.
At the transitions the duty cycle increments in LSb (0.39% for the case shown) steps. In the example shown in
Figure 13the first pair is set for a duty-cycle of 31.25% and a temperature of 0°C. For temperatures less than 0°C
the duty cycle is set to 0. When the temperature is greater than 0 °C but is less than 91 °C the duty cycle will
remain at 31.25%. The next pair is set at 37.5% and 91°C. Once the temperature exceeds 91°C the duty cycle
on the PWM output will gradually transition from 31.25% to 37.5% in 0.39% steps at the programmed time
interval. The LUT comparison temperature resolution is programmable to either 1 °C or 0.5 °C. For the curves of
Fan Control Transfer Function Example the comparison resolution is set to 0.5 °C that is why the actual duty
cycle transitions happen 0.5 °C higher than the actual LUT entry. The duty cycle transition time interval is
programmable and is shown in the table titled Table 8. Care should be taken so that the LUT PWM and
Temperature values are setup in ascending weight.
Fan Control Transfer Function Example
Figure 12. Without smoothing
Figure 13. With smoothing
Also included is programmable hysteresis that is not described by the curves of Fan Control Transfer Function
Example. The hysteresis takes effect as temperature is decreasing and moves all the temperature set-points
down by the programmed amount. For the example shown here if the hysteresis is set to 1°C and if the
temperature is decreasing from 96.5°C the duty cycle will remain at 68.75% and will not transition to 62.5% until
the temperature drops below 95.5°C.
34
Submit Documentation Feedback
Copyright © 2011–2013, Texas Instruments Incorporated
Product Folder Links: LM96063



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com