Electronic Components Datasheet Search
  English  ▼

X  

PCM5101PW Datasheet(PDF) 18 Page - Texas Instruments

Part # PCM5101PW
Description  2VRMS DirectPath™, 112/106/100dB Audio Stereo DAC with 32-bit, 384kHz PCM Interface
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM5101PW Datasheet(HTML) 18 Page - Texas Instruments

Back Button PCM5101PW Datasheet HTML 14Page - Texas Instruments PCM5101PW Datasheet HTML 15Page - Texas Instruments PCM5101PW Datasheet HTML 16Page - Texas Instruments PCM5101PW Datasheet HTML 17Page - Texas Instruments PCM5101PW Datasheet HTML 18Page - Texas Instruments PCM5101PW Datasheet HTML 19Page - Texas Instruments PCM5101PW Datasheet HTML 20Page - Texas Instruments PCM5101PW Datasheet HTML 21Page - Texas Instruments PCM5101PW Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 37 page
background image
−0.05
−0.04
−0.03
−0.02
−0.01
0.00
0.01
0.02
0.03
0.04
0.05
0.0
0.5
1.0
1.5
2.0
Frequency (x fS)
G028
−120
−100
−80
−60
−40
−20
0
0
1
2
3
4
Frequency (x fS)
G006
−0.4
−0.2
0.0
0.2
0.4
0.6
0.8
1.0
0
10
20
30
40
50
60
70
80
90
100
Samples
G017
PCM5100, PCM5101, PCM5102
SLAS764B – MAY 2011 – REVISED SEPTEMBER 2012
www.ti.com
Normal x2 / x1(bypass) Interpolation filter is programmed in 256 cycles in 1 sample time (tS) for sample rates
from 8kHz to 384kHz.
Table 11. Normal x2 Interpolation Filter
Parameter
Condition
Value (Typ)
Value (Max)
Units
Filter Gain Pass Band
0 ……. 0.45fS
±0.02
dB
Filter Gain Stop Band
0.55fS ….. 7.455fS
–60
dB
Filter Group Delay
22tS
s
Figure 22. Normal x2 Interpolation Filter Frequency
Figure 23. Normal x2 Interpolation Filter Impulse
Response
Response
Figure 24. Normal x2 Interpolation Filter Passband Ripple
18
Submit Documentation Feedback
Copyright © 2011–2012, Texas Instruments Incorporated
Product Folder Links: PCM5100 PCM5101 PCM5102



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com