Electronic Components Datasheet Search
  English  ▼

X  

PCM5101PW Datasheet(PDF) 12 Page - Texas Instruments

Part # PCM5101PW
Description  2VRMS DirectPath™, 112/106/100dB Audio Stereo DAC with 32-bit, 384kHz PCM Interface
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM5101PW Datasheet(HTML) 12 Page - Texas Instruments

Back Button PCM5101PW Datasheet HTML 8Page - Texas Instruments PCM5101PW Datasheet HTML 9Page - Texas Instruments PCM5101PW Datasheet HTML 10Page - Texas Instruments PCM5101PW Datasheet HTML 11Page - Texas Instruments PCM5101PW Datasheet HTML 12Page - Texas Instruments PCM5101PW Datasheet HTML 13Page - Texas Instruments PCM5101PW Datasheet HTML 14Page - Texas Instruments PCM5101PW Datasheet HTML 15Page - Texas Instruments PCM5101PW Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 37 page
background image
PCM5100, PCM5101, PCM5102
SLAS764B – MAY 2011 – REVISED SEPTEMBER 2012
www.ti.com
System Clock PLL Mode
The system clock PLL mode allows designers to use a simple 3-wire I2S audio source when driving the DAC.
The 3-wire source reduces the need for a high frequency SCK, making PCB layout easier, and reduces high
frequency electromagnetic interference.
The device starts up expecting an external SCK input, but if BCK and LRCK start correctly while SCK remains at
ground level for 16 successive LRCK periods, then the internal PLL starts, automatically generating an internal
SCK from the BCK reference. The PCM510x disables the internal PLL when an external SCK is supplied;
specific BCK rates are required to generate an appropriate master clock. Table 5 describes the minimum and
maximum BCK per LRCK for the integrated PLL to automatically generate an internal SCK.
Table 5. BCK Rates (MHz) by LRCK Sample Rate for
PCM510x PLL Operation
BCK (fS)
Sample f (kHz)
32
64
8
-
-
16
-
1.024
32
1.024
2.048
44.1
1.4112
2.8224
48
1.536
3.072
96
3.072
6.144
192
6.144
12.288
384
12.288
24.576
Audio Data Interface
Audio Serial Interface
The audio interface port is a 3-wire serial port, including LRCK (pin 15), BCK (pin 13), and DIN (pin 14). BCK is
the serial audio bit clock, used to clock the serial data present on DIN into the serial shift register of the audio
interface. Serial data is clocked into the PCM510x on the rising edge of BCK. LRCK is the serial audio left/right
word clock.
Table 6. PCM510x Audio Data Formats, Bit Depths and Clock Rates
MAX LRCK
CONTROL MODE
FORMAT
DATA BITS
SCK RATE [x fS]
BCK RATE [x fS]
FREQUENCY [fS]
128 – 3072
Up to 192kHz
64, 48, 32
(
≤50MHz)
Hardware Control
I2S/LJ
32, 24, 20, 16
384kHz
64, 128
64, 48, 32
The PCM510x requires the synchronization of LRCK and system clock, but does not need a specific phase
relation between LRCK and system clock.
If the relationship between LRCK and system clock changes more than ±5 SCK, internal operation is initialized
within one sample period and analog outputs are forced to the bipolar zero level until resynchronization between
LRCK and system clock is completed.
If the relationship between LRCK and BCK are invalid more than 4 LRCK periods, internal operation is initialized
within one sample period and analog outputs are forced to the bipolar zero level until resynchronization between
LRCK and BCK is completed.
12
Submit Documentation Feedback
Copyright © 2011–2012, Texas Instruments Incorporated
Product Folder Links: PCM5100 PCM5101 PCM5102



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com