Electronic Components Datasheet Search
  English  ▼

X  

PCM5101PW Datasheet(PDF) 25 Page - Texas Instruments

Part # PCM5101PW
Description  2VRMS DirectPath™, 112/106/100dB Audio Stereo DAC with 32-bit, 384kHz PCM Interface
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM5101PW Datasheet(HTML) 25 Page - Texas Instruments

Back Button PCM5101PW Datasheet HTML 21Page - Texas Instruments PCM5101PW Datasheet HTML 22Page - Texas Instruments PCM5101PW Datasheet HTML 23Page - Texas Instruments PCM5101PW Datasheet HTML 24Page - Texas Instruments PCM5101PW Datasheet HTML 25Page - Texas Instruments PCM5101PW Datasheet HTML 26Page - Texas Instruments PCM5101PW Datasheet HTML 27Page - Texas Instruments PCM5101PW Datasheet HTML 28Page - Texas Instruments PCM5101PW Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 37 page
background image
PCM51xx
Audio DAC
Linear
Regulator
3V3
10 F
GND
GND
SMPS
6V
GND
XSMT
110V / 220V
MCU GPIO
“mute” signal
3.3V
XSMT
I2S Clocks
SCK, BCK, LRCK
3msec
VDD
0V
High
Low
High
Low
Time
PCM5100, PCM5101, PCM5102
www.ti.com
SLAS764B – MAY 2011 – REVISED SEPTEMBER 2012
2. Stop I2S clocks (SCK, BCK, LRCK) 3ms before powerdown as shown below:
Unplanned Shutdown
Many systems use a low-noise regulator to provide an AVDD 3.3V supply for the DAC. The XSMT Pin can take
advantage of such a feature to measure the pre-regulated output from the system SMPS to mute the DAC before
the entire SMPS discharges. Figure 37 shows how to configure such a system to use the XSMT pin. The XSMT
pin can also be used in parallel with a GPIO pin from the system microcontroller/DSP or Power Supply.
Figure 37. Using the XSMT Pin
Copyright © 2011–2012, Texas Instruments Incorporated
Submit Documentation Feedback
25
Product Folder Links: PCM5100 PCM5101 PCM5102



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com